công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9148-EBZ bảng dữ liệu(PDF) 39 Page - Analog Devices

tên linh kiện AD9148-EBZ
Giải thích chi tiết về linh kiện  Quad 16-Bit,1 GSPS, TxDAC Digital-to-Analog Converter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9148-EBZ bảng dữ liệu(HTML) 39 Page - Analog Devices

Back Button AD9148-EBZ Datasheet HTML 35Page - Analog Devices AD9148-EBZ Datasheet HTML 36Page - Analog Devices AD9148-EBZ Datasheet HTML 37Page - Analog Devices AD9148-EBZ Datasheet HTML 38Page - Analog Devices AD9148-EBZ Datasheet HTML 39Page - Analog Devices AD9148-EBZ Datasheet HTML 40Page - Analog Devices AD9148-EBZ Datasheet HTML 41Page - Analog Devices AD9148-EBZ Datasheet HTML 42Page - Analog Devices AD9148-EBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
Preliminary Technical Data
AD9148
Rev. PrA | Page 39 of 73
INPUT DATA PORTS
The AD9148 can operate in three data input modes: dual-port
mode, single-port mode, and byte mode. In dual-port mode,
DAC 1 and DAC 2 receive data from Port A, and DAC 3 and
DAC 4 receive data from Port B. In single-port mode, all four
DACs receive data from Port A. In byte mode, all four DACs
receive data from Port A, but the port is split into two 8-bit wide
buses. In all modes, the data input timing is relative to a DCI signal
provided along with the data.
DUAL-PORT MODE
In dual-port mode, the DCI signal indicates to which DAC the
data is intended. On the rising edge of DCI, data is latched into
DAC 1 and DAC 3. On the falling edge of DCI, data is latched
into DAC 2 and DAC 4. This pattern continuously repeats.
There is a SPI programmable option (Register 0x14[6]) to provide
one DCI for both input ports or two DCIs where each DCI is
associated with one input port. Two DCIs are useful when the
data for each port is coming from a different data source. These
cases are illustrated in Figure 45 and Figure 46.
DCIA
A[15:0]
DAC1 DAC2 DAC1 DAC2 DAC1 DAC2 DAC1 DAC2
DAC3 DAC4 DAC3 DAC4 DAC3 DAC4 DAC3 DAC4
B[15:0]
Figure 45. Timing Diagram for Dual-Port Mode, One DCI
DCIA
A[15:0]
DAC1 DAC2 DAC1 DAC2 DAC1 DAC2 DAC1 DAC2
DAC3 DAC4 DAC3 DAC4 DAC3 DAC4 DAC3 DAC4
B[15:0]
DCIB
Figure 46. Timing Diagram for Dual-Port Mode, Two DCI
Each data sample, by default, is expected to be formatted as
MSB sent to Bit 15 and LSB sent to Bit 0 for each port. The
AD9148 contains an option to swap the bus (Register 0x03[4]).
When this bus swap bit is set, the MSB should be sent to Bit 0
and the LSB should be sent to Bit 15 for each port.
SINGLE-PORT MODE
In single-port mode, a FRAME signal must be provided along
with the DCI signal and the data. The FRAME signal indicates
to which DAC the data is intended. When FRAME goes high,
the first data-word goes to DAC 1, and the second data-word
goes to DAC 2. When FRAME goes low, the first data-word
goes to DAC 3, and the second data-word goes to DAC 4. This
pattern continuously repeats as illustrated in Figure 47.
FRAMEA
A[15:0]
DAC1 DAC2 DAC3 DAC4 DAC1 DAC2 DAC3 DAC4
DCIA
Figure 47. Timing Diagram for Single-Port Mode
Each data sample, by default, is expected to be formatted as MSB
sent to Bit 15 and LSB sent to Bit 0. When the bus swap bit is set
(Register 0x03[4]), the MSB should be sent to Bit 0, and the LSB
should be sent to Bit 15 for each port.
The FRAME signal is sampled with the same internal signal as
the data and has the same set-up and hold timing relative to DCI. If
desired, only the first FRAME pulse needs to be generated. This
initializes the internal clock phases inside the device, and data
latches just as if the periodic FRAME signal were sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com