| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KNP-R3AV0R1JP bảng dữ liệu(PDF) 4 Page - Token Electronics Industry Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
KNP-R3AV0R1JP bảng dữ liệu(HTML) 4 Page - Token Electronics Industry Co., Ltd. |
|
4 / 60 page ![]() Resistors General Information Keep temperature from rising by choosing resistor with a higher rated capacity; do not use a component having the exact load value required. For considerations of safety in extended period applications, the rating should be more than four times higher than the actual wattage involved, but never use resistors at less than 25% of its rated power. In applications where resistors are subject to intermittent current surges and spikes, be sure in advance that the components selected are capable of withstanding brief durations of increased load. Do not exceed the recommended rated load. Resistor must used within the rated voltage range to prevent the shortening of service life and/or failure of the wound resistance elements. Minimum load: Resistor must be utilized at 1/10 or more of the rated voltage to prevent poor conductance due to oxidation build-up. For basic particulars for cautions, refer to EIAJ Technical Report RCR-2121 “Guidance for care note on fixed-resistors”. TOKEN 02 of 58 Version 2010 http://www.token.com.tw/ rfq token.com.tw |