| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TCET24H-252 bảng dữ liệu(PDF) 3 Page - Token Electronics Industry Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
TCET24H-252 bảng dữ liệu(HTML) 3 Page - Token Electronics Industry Co., Ltd. |
|
3 / 11 page ![]() TCUU98H EMI Line Filters 03 of 11 A C E (TCUU98H) Configurations & Dimensions Type A (max) B (max) C (max) D E F TCUU98H 15.5 16.5 12.5 Φ0.6 7.0 8.0 Note: Design as Customer’s Requested Specifications. Common Mode Chokes (TCUU98H) at 25°C Electrical Characteristics Part Number Inductance (mH)(min) Inductance Balance (µH)(max) DCR (Ω)(max) IDC (A)(max) TCUU98H-471 0.47 25 0.15 1.00 TCUU98H-681 0.68 25 0.25 0.85 TCUU98H-102 1.0 50 0.35 0.70 TCUU98H-222 2.2 50 0.7 0.50 TCUU98H-392 3.9 100 1.20 0.38 TCUU98H-472 4.7 100 1.60 0.34 TCUU98H-682 6.8 150 2.50 0.25 TCUU98H-103 10.0 200 4.00 0.20 Note: Test Freq.: 1.0kHz. Allowable Current : D.C. Current When Temperature of Coil Increased up to 40°C .(Ta=25°C ) Version 2010 TOKEN http://www.token.com.tw/ rfq token.com.tw |