| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KNP-R3AU0R1BTB bảng dữ liệu(PDF) 3 Page - Token Electronics Industry Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
KNP-R3AU0R1BTB bảng dữ liệu(HTML) 3 Page - Token Electronics Industry Co., Ltd. |
|
3 / 60 page ![]() Power Resistors General Information Information of General Purpose Resistors TOKEN General Purpose Resistors With Customized Service Token Electronics is expanding business to include a broad range of General Purpose Resistor products designed for high volume applications. This expanded range of commercial resistor presents a more comprehensive product offering for Customer Experience Management (CEM) and other high volume customers that require quality products at competitive pricing. Backed by the same customer service, technical support and quality assurance that Token has always provided, these new commercial products enable you the opportunity to source a wider range of resistors from a trusted supplier. General Use When an ambient temperature exceeds a rated ambient temperature, resistor shall be applied on the derating curve by derating the load power. General purpose resistor under overloads is not combustion resistant and is likely to emit, flame, gas, smoke, red heat, etc. Flame retardant resistor generally emit smoke and red heat in a certain power and over but do not emit fire or flame. When resistors are shielded or coated with resin etc., stress from the storage heat and the resin are applied. So, performance and reliability should be checked well before use. When a voltage higher than rated is applied in a short time (single pulse, repeated pulses, surge, etc.), it does not necessarily ensure safety that an effective wattage is not higher than a rated wattage. Then consult with us with your specified pulse wave shape. Resistors shall be used in a condition causing no dew condensation. 01 of 58 Version 2010 http://www.token.com.tw/ rfq token.com.tw |