công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DF1575S40C bảng dữ liệu(PDF) 17 Page - Token Electronics Industry Co., Ltd.

tên linh kiện DF1575S40C
Giải thích chi tiết về linh kiện  DF-B Dielectric Filters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOKEN [Token Electronics Industry Co., Ltd.]
Trang chủ  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

DF1575S40C bảng dữ liệu(HTML) 17 Page - Token Electronics Industry Co., Ltd.

Back Button DF1575S40C Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 15Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 16Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 17Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 18Page - Token Electronics Industry Co., Ltd. DF1575S40C Datasheet HTML 19Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17 of 19
BP-S BandPass Filters
Preview
BP-S series of microwave dielectric bandpass filter series with a high dielectric constant, is the best microwave
filters and oscillators.
Token Ceramic Dielectric material has a high dielectric constant and high Q values, and high temperature
stability, especially for the design and stability of the microwave oscillations and filtering. German bond
ceramic media for CT1, CT2, 900MHz, 1.8GHz, 2.4GHz, 5.8GHz cordless phones, wireless headsets, wireless
microphones.
Token electronics manufacturing microwave dielectric filters, multi-layer filters, cavity filters, band-pass filter,
military filters, and high-frequency filters, using low insertion loss, high Q, high frequency selectivity, and
microwave dielectric ceramics to meet specific design requirements. Comply with RoHS standards.
BP-S series of dielectric filters and stable temperature coefficient, small size and high stability, low insertion loss
and good weldability. Dielectric band-pass filter for use in microwave communications, data transmission, radar,
electronic warfare, military, aerospace and other fields.
Custom parts are available on request. Token will also produce devices outside these specifications to meet
specific customer requirements, please contact our sales for more information.
Features
- Low insertion loss.
- High frequency selectivity.
- Temperature compensated.
- SMD Package, small and light.
Applications
- Base station.
- Military affairs.
- Trunked radio system.
- Cellular, Cordless phone.
Dielectric
BandPass Filters
(BP-S)
Token (BP-S) Series For
High Performance Microwave Filters and Oscillators
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com