| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
X25C02MM bảng dữ liệu(PDF) 5 Page - Xicor Inc. |
|
|
|||||||||||||||||||||||||||||
X25C02MM bảng dữ liệu(HTML) 5 Page - Xicor Inc. |
|
5 / 14 page ![]() X25C02 5 Figure 1. Read Operation Sequence Operational Notes The X25C02 powers-up in the following state: • The device is in the low power standby state. • A HIGH to LOW transition on CS is required to enter an active state and receive an instruction. • SO pin is high impedance. • The “write enable” latch is reset. Data Protection The following circuitry has been included to prevent inadvertent writes: • The “write enable” latch is reset upon power-up. • A WREN instruction must be issued to set the “write enable” latch. • CS must come HIGH at the proper clock count in order to start a write cycle. The “write enable” latch is reset when WP is brought LOW. Figure 2. Set Write Enable Latch Sequence 0123456789 10 11 12 13 14 15 16 17 18 19 20 21 22 3843 FHD F04.1 76543210 DATA OUT CS SCK SI SO MSB HIGH IMPEDANCE INSTRUCTION BYTE ADDRESS 01234567 3843 FHD F05.1 CS SI SCK HIGH IMPEDANCE SO |