| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3R9 bảng dữ liệu(PDF) 2 Page - Productwell Precision Elect.CO.,LTD |
|
|
|||||||||||||||||||||||||||||
3R9 bảng dữ liệu(HTML) 2 Page - Productwell Precision Elect.CO.,LTD |
|
2 / 4 page ![]() l l ELECTRICAL SPECIFICATIONS SPRI0603 SPRI0605 SPRI0703 SPRI0704 Freq. RDC IDC Freq. RDC IDC Freq. RDC IDC Freq. RDC IDC Parts No. Inductance Hz Ω A Hz Ω A Hz Ω A Hz m Ω A 100 10uH 1 K 0.15 1.1 1 K 0.12 1.35 1 K 72m 1.68 1 K 49m 1.84 120 12uH 1 K 0.2 1 1 K 0.13 1.22 1 K 98m 1.52 1 K 58m 1.71 150 15uH 1 K 0.23 0.9 1 K 0.18 1.11 1 K 0.13 1.33 1 K 81m 1.47 180 18uH 1 K 0.27 0.8 1 K 0.24 1.02 1 K 0.14 1.20 1 K 91m 1.31 220 22uH 1 K 0.34 0.74 1 K 0.27 0.91 1 K 0.19 1.07 1 K 0.11 1.23 270 27uH 1 K 0.38 0.66 1 K 0.30 0.82 1 K 0.21 0.96 1 K 0.15 1.12 330 33uH 1 K 0.45 0.59 1 K 0.33 0.74 1 K 0.24 0.91 1 K 0.17 0.96 390 39uH 1 K 0.49 0.54 1 K 0.37 0.69 1 K 0.32 0.77 1 K 0.23 0.91 470 47uH 1 K 0.69 0.5 1 K 0.52 0.62 1 K 0.36 0.76 1 K 0.26 0.88 560 56uH 1 K 0.78 0.46 1 K 0.56 0.58 1 K 0.47 0.68 1 K 0.35 0.75 680 68uH 1 K 1.07 0.42 1 K 0.63 0.51 1 K 0.52 0.61 1 K 0.38 0.69 820 82uH 1 K 1.21 0.38 1 K 0.71 0.46 1 K 0.69 0.57 1 K 0.43 0.61 101 100uH 1 K 1.39 0.34 1 K 1.03 0.42 1 K 0.79 0.5 1 K 0.61 0.60 121 120uH 1 K 1.9 0.31 1 K 1.15 0.38 1 K 0.89 0.49 1 K 0.66 0.52 151 150uH 1 K 2.18 0.28 1 K 1.68 0.35 1 K 1.27 0.43 1 K 0.88 0.46 181 180uH 1 K 2.77 0.26 1 K 1.87 0.32 1 K 1.45 0.39 1 K 0.98 0.42 221 220uH 1 K 3.12 0.23 1 K 2.08 0.29 1 K 1.65 0.35 1 K 1.17 0.36 271 270uH 1 K 4.38 0.22 1 K 2.37 0.26 1 K 2.31 0.32 1 K 1.64 0.34 331 330uH 1 K 4.94 0.19 1 K 2.67 0.23 1 K 2.62 0.28 1 K 1.86 0.32 391 390uH 1 K 2.94 0.22 1 K 2.94 0.26 1 K 2.85 0.29 471 470uH 1 K 3.93 0.2 1 K 4.18 0.24 1 K 3.01 0.26 561 560uH 1 K 5.43 0.18 1 K 4.67 0.22 1 K 3.62 0.23 681 680uH 1 K 7.32 0.17 1 K 5.73 0.19 1 K 4.63 0.22 821 820uH 1 K 8.24 0.15 1 K 6.54 0.18 1 K 5.2 0.2 102 1000uH 1 K 9.26 0.14 1 K 9.44 0.16 1 K 6 0.18 SPRI SERIES SHIELDED SMT POWER INDUCTORS l PART NUMBERING SYSTEM (品名規定) S P R I 0 6 0 3 - 1 0 0 K 1 2 3 4 SHIELDED SMT DIMENSIONS INDUTANCE TOLERANCE POWER INDUCTORS (长*高 DIM) 10*10 0=10 J : ±5% K: ±10% L±15% M: ±20% P: ±25% N: ±30 闭磁路贴片式功率电感 (DR+RI 型磁芯) 尺寸 電感值 公差 Productwell Precision Elect.Co.,Ltd Kai Ping Productwell Precision Elect.Co.,Ltd Tel:0750-2323113 Fax:0750-2312333 http:// www.productwell.com 48 |