| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
X24645PI bảng dữ liệu(PDF) 11 Page - Xicor Inc. |
|
|
|||||||||||||||||||||||||||||
X24645PI bảng dữ liệu(HTML) 11 Page - Xicor Inc. |
|
11 / 18 page ![]() X24645 11 ABSOLUTE MAXIMUM RATINGS* Temperature under Bias X24645 .......................................–65 °C to +135°C Storage Temperature ........................–65 °C to +150°C Voltage on any Pin with Respect to VSS.................................... –1V to +7V D.C. Output Current ..............................................5mA Lead Temperature (Soldering, 10 seconds) .............................. 300 °C *COMMENT Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and the functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. D.C. OPERATING CHARACTERISTICS 2783 FRM T06.2 CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V 2783 FRM T07.1 Notes: (1) Must perform a stop command prior to measurement. (2) VIL min. and VIH max. are for reference only and are not 100% tested. (3) This parameter is periodically sampled and not 100% tested. Limits Symbol Parameter Min. Max. Units Test Conditions ICC1 VCC Supply Current (Read) 1 mA SCL = VCC X 0.1/VCC X 0.9 Levels @ 100KHz, SDA = Open, All Other Inputs = VSS or VCC – 0.3V ICC2 VCC Supply Current (Write) 3 mA ISB1 (1) VCC Standby Current 50 µA SCL = SDA = VCC, All Other Inputs = VSS or VCC – 0.3V, VCC = 5V ± 10% ISB2 (1) VCC Standby Current 1 µA SCL = SDA = VCC, All Other Inputs = VSS or VCC – 0.3V, VCC = 2.7V ILI Input Leakage Current 10 µA VIN = VSS to VCC ILO Output Leakage Current 10 µA VOUT = VSS to VCC VlL (2) Input LOW Voltage –1 VCC x 0.3 V VIH (2) Input HIGH Voltage VCC x 0.7 VCC + 0.5 V VOL Output LOW Voltage 0.4 V IOL = 3mA, VCC = 4.5V Symbol Parameter Max. Units Test Conditions CI/O (3) Input/Output Capacitance (SDA) 8 pF VI/O = 0V CIN (3) Input Capacitance (S1, S2, SCL) 6 pF VIN = 0V RECOMMENDED OPERATING CONDITIONS 2783 FRM T04 Temperature Min. Max. Commercial 0 °C +70 °C Industrial –40 °C +85 °C Military –55 °C +125 °C 2783 FRM T05 Supply Voltage Limits X24645 4.5V to 5.5V X24645-2.7 2.7V to 5.5V |