công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

X24042PI-2.7 bảng dữ liệu(PDF) 4 Page - Xicor Inc.

tên linh kiện X24042PI-2.7
Giải thích chi tiết về linh kiện  Serial E2PROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  XICOR [Xicor Inc.]
Trang chủ  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24042PI-2.7 bảng dữ liệu(HTML) 4 Page - Xicor Inc.

  X24042PI-2.7 Datasheet HTML 1Page - Xicor Inc. X24042PI-2.7 Datasheet HTML 2Page - Xicor Inc. X24042PI-2.7 Datasheet HTML 3Page - Xicor Inc. X24042PI-2.7 Datasheet HTML 4Page - Xicor Inc. X24042PI-2.7 Datasheet HTML 5Page - Xicor Inc. X24042PI-2.7 Datasheet HTML 6Page - Xicor Inc. X24042PI-2.7 Datasheet HTML 7Page - Xicor Inc. X24042PI-2.7 Datasheet HTML 8Page - Xicor Inc. X24042PI-2.7 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
X24042
4
Acknowledge
Acknowledge is a software convention used to indicate
successful data transfers. The transmitting device will
release the bus after transmitting eight bits. During the
ninth clock cycle the receiver will pull the SDA line LOW
to acknowledge that it received the eight bits of data.
Refer to Figure 3.
The X24042 will respond with an acknowledge after
recognition of a start condition and its slave address. If
both the device and a write operation have been se-
lected, the X24042 will respond with an acknowledge
after the receipt of each subsequent eight bit word.
In the read mode the X24042 will transmit eight bits of
data, release the SDA line and monitor the line for an
acknowledge. If an acknowledge is detected and no
stop condition is generated by the master, the X24042
will continue to transmit data. If an acknowledge is not
detected, the X24042 will terminate further data trans-
missions. The master must then issue a stop condition
to return the X24042 to the standby power mode and
place the device into a known state.
Figure 3. Acknowledge Response From Receiver
SCL FROM
MASTER
DATA
OUTPUT
FROM
TRANSMITTER
1
89
DATA
OUTPUT
FROM
RECEIVER
START
ACKNOWLEDGE
3849 FHD F08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15