công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS432GVB bảng dữ liệu(PDF) 2 Page - Silicon Standard Corp.

tên linh kiện SS432GVB
Giải thích chi tiết về linh kiện  Adjustable Precision Shunt Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SSC [Silicon Standard Corp.]
Trang chủ  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS432GVB bảng dữ liệu(HTML) 2 Page - Silicon Standard Corp.

  SS432GVB Datasheet HTML 1Page - Silicon Standard Corp. SS432GVB Datasheet HTML 2Page - Silicon Standard Corp. SS432GVB Datasheet HTML 3Page - Silicon Standard Corp. SS432GVB Datasheet HTML 4Page - Silicon Standard Corp. SS432GVB Datasheet HTML 5Page - Silicon Standard Corp. SS432GVB Datasheet HTML 6Page - Silicon Standard Corp. SS432GVB Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.SiliconStandard.com
2 of 7
SS432/G
Parameter
Symbol
Maximum
Units
Cathode Voltage
VKA
12
V
Continuous Cathode Current
I KA
150
mA
Reference Current
IREF
3
mA
Operating Junction Temperature
Tj
150
°C
Storage Temperature Range
TSTG
-45 to +150
°C
Thermal Resistance
θ
JA
160
°C/W
Lead Temperature (Soldering - std.lead finish)
T
LEAD
260°C/10 sec.
PARAMETER
SYMBOL
TEST
CIRCUIT
TEST CONDITIONS
MIN
TYP
MAX

1%
Vref
1
Reference voltage
VKA = Vref IKA = 10mA
1.228
1.240
1.252
V
Deviation of reference voltage
over full temperature range
VI(dev)
1
TA = full range

VKA = Vref, IKA = 10mA
4
12
mV
Ratio of change in reference
voltage to the change in
cathode voltage
∆Vref
∆VKA
2
IKA = 10mA,
∆VKA = Vref to 12V
-1.5
-2.7
mV/V
Reference current
Iref
2
IKA = 10mA, R1 = 10k
Ω , R2 =
∞
0.15
0.5
µA
Deviation of reference current
over full temperature range
II(dev)
2
IKA = 10mA, R1 = 10kW, R2 =
∞

TA = full range
0.05
0.30
µA
Minimum cathode current
for regulation
Imin
1
VKA = Vref
55
80
µA
Off-state cathode current
Ioff
3
VKA = 12V, Vref = 0
0.001
0.1
µA
Dynamic impedance
|ZKA|
1
IKA = 100
µA to 100mA, VKA = Vref
‹
f
≤ 1kHz
0.25
0.4
Ω
ABSOLUTE MAXIMUM RATINGS over ambient temp. range.
ELECTRICAL CHARACTERISTICS (TA =25°C)
6/22/2006 Rev.3.01



Html Pages

1 2 3 4 5 6 7