| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRLR8726PbF bảng dữ liệu(PDF) 10 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRLR8726PbF bảng dữ liệu(HTML) 10 Page - International Rectifier |
|
10 / 11 page ![]() IRLR/U8726PbF 10 www.irf.com D-Pak (TO-252AA) Tape & Reel Information Dimensions are shown in millimeters (inches) TR 16.3 ( .641 ) 15.7 ( .619 ) 8.1 ( .318 ) 7.9 ( .312 ) 12.1 ( .476 ) 11.9 ( .469 ) FEED DIRECTION FEED DIRECTION 16.3 ( .641 ) 15.7 ( .619 ) TRR TRL NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541. NOTES : 1. OUTLINE CONFORMS TO EIA-481. 16 mm 13 INCH Note: For the most current drawing please refer to IR website at http://www.irf.com/package/ |