công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BAT54WS bảng dữ liệu(PDF) 1 Page - Rectron Semiconductor

tên linh kiện BAT54WS
Giải thích chi tiết về linh kiện  Small-Signal Schottky Diodes VOLTAGE RANGE 30 Volts CURRENT 100 mAmpere
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RECTRON [Rectron Semiconductor]
Trang chủ  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAT54WS bảng dữ liệu(HTML) 1 Page - Rectron Semiconductor

  BAT54WS Datasheet HTML 1Page - Rectron Semiconductor BAT54WS Datasheet HTML 2Page - Rectron Semiconductor BAT54WS Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Small-Signal Schottky Diodes
VOLTAGE RANGE 30 Volts CURRENT 100 mAmpere
FEATURES
* Fast Switching Speed
* Ultre-small Surface Mount Package
* PN Junction Guard Ring for Transient and
ESD Protection
* Low Tum-on Voltage
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-O rate flame retardant
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.004 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
BAT54WS
SOD-323
MAXIMUM RATINGS (@TA=25OC unless otherwise noted)
NOTES : 1. Measured at IF=IR=10mA,IRR=0.1XIR And RL=100W.
2. Measured at 1MHz and applied reverse voltage of 0 volts.
3. Part mounted on FR-4 PC board with minimunm recommended pad layout.
ELECTRICAL CHARACTERISTICS (@TA=25OC unless otherwise noted)
2008-12
REV: A
RATINGS
Non-Repetitive Peak Reverse Voltage
Maximum DC Blocking Voltage
Reverse Breakdown Voltage @IR=100mA
Maximum Forward Comtinuous Current
Repetitive Peak Forward Current
Forward Surge Current
Maximum Power Dissipation (Note 3)
Junction Temperature
Storage Temperature Range
SYMBOL
BAT54WS
VRM
IFM
IFRM
IFSM
PD
TSTG
TJ
VR
V(BR)R
Volts
mAmps
200
Maximum Average Forward Rectified Current
IO
mAmps
mAmps
mAmps
100
300
600
200
Typical Junction Capacitance (Note 2)
CT
10
125
-65 to + 150
mW
pF
nS
Typical Reverse Recovery Time (Note 1)
Trr
5.0
O
C
O
C
UNITS
Typical Thermal Resistance
RqJA
625
K/W
30
Volts
Volts
30
21
CHARACTERISTICS
Maximum Instantaneous Peverse Current
VF
SYMBOL
IR
UNITS
Maximum Instantaneous Forward Voltage
mVolts
@IF=0.1mA
@VR=25V
@IF=1.0mA
@IF=10mA
@IF=30mA
@IF=100mA
240
500
1000
320
400
2.0
uAmps
BAT54WS
Dimensions in inches and (millimeters)
REF .019(0.46)
.106(2.70)
.098(2.50)
.055(1.40)
.047(1.20)
.071(1.80)
.063(1.60)
MAX.039(1.00)
.004(.10)
.000(.00)


Số phần tương tự - BAT54WS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
BAT54WS PANJIT-BAT54WS Datasheet
113Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Won-Top Electronics
BAT54WS WTE-BAT54WS Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
BAT54WS DIODES-BAT54WS Datasheet
64Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30098 Rev. 4 - 2
logo
General Semiconductor
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
logo
Diodes Incorporated
BAT54WS DIODES-BAT54WS Datasheet
85Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30098 Rev. 8 - 2
More results

Mô tả tương tự - BAT54WS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rectron Semiconductor
BAV19WS RECTRON-BAV19WS Datasheet
141Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 120 to 250 Volts CURRENT 200 mAmpere
1N4148WS RECTRON-1N4148WS Datasheet
119Kb / 2P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150 mAmpere
1N4448W RECTRON-1N4448W Datasheet
169Kb / 2P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 250 mAmpere
BAT60B RECTRON-BAT60B Datasheet
152Kb / 4P
Small-Signal Schottky Diodes VOLTAGE RANGE 10 Volts
BAV16WS RECTRON-BAV16WS Datasheet
119Kb / 2P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150 mAmpere
BAV19W RECTRON-BAV19W Datasheet
152Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 100 Volts CURRENT 200 mAmpere
BAV20W RECTRON-BAV20W Datasheet
153Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 150 Volts CURRENT 200 mAmpere
BAV21W RECTRON-BAV21W Datasheet
153Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 200 Volts CURRENT 200 mAmpere
CMBD1201 RECTRON-CMBD1201 Datasheet
331Kb / 4P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 215 mAmpere
1N4448WS RECTRON-1N4448WS_08 Datasheet
149Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 250 mAmpere
More results


Html Pages

1 2 3