| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM9704CFT/V bảng dữ liệu(PDF) 33 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM9704CFT/V bảng dữ liệu(HTML) 33 Page - Wolfson Microelectronics plc |
|
33 / 37 page ![]() Production Data WM9704M WOLFSON MICROELECTRONICS LTD PD Rev 3.2 January 2001 33 DEFAULT VALUE FOR REGISTER MODE REAR DAC – REG 70H FRONT MIXER – REG 72H REAR MIXER – REG 74H REV 2.1 SWITCH Rev 2.1 (00) 8808 0808 8808 Closed Modem (11) 0808 0808 0808 Open Table 21 Vendor Specific PGA Default Values VENDOR ID REGISTERS (INDEX 7CH TO 7EH) This register is for specific vendor identification if so desired. The ID method is Microsoft’s Plug and Play Vendor ID code. The first character of that ID is F7 to F0, the second character S7 to S0, and the third T7 to T0. These three characters are ASCII encoded. The REV7 to REV0 field is for the Vendor Revision number. In WM9704M the vendor ID is set to WML3 if MODE1 = 0, and WML4 if MODE1 = 1. Wolfson is a registered Microsoft Plug and Play vendor. |