| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM9701ACFT/V bảng dữ liệu(PDF) 10 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM9701ACFT/V bảng dữ liệu(HTML) 10 Page - Wolfson Microelectronics plc |
|
10 / 24 page ![]() WM9701A Production Data WOLFSON MICROELECTRONICS LTD. PD Rev 3.2 January 2001 10 SLOT # SYNC OUTGOING STREAMS INCOMING STREAMS TAG PHASE TAG CMD ADR CMD DATA PCM LEFT PCM RIGHT OPT MDM CDC RSRVD RSRVD RSRVD RSRVD RSRVD RSRVD RSRVD TAG CMD ADR CMD DATA PCM LEFT PCM RIGHT OPT MDM CDC RSRVD RSRVD RSRVD RSRVD RSRVD RSRVD RSRVD DATA PHASE 01 234 56 789 10 11 12 Figure 7 AC’97 Standard Bi-directional Audio Frame SYNC BIT_CLK SDATA_OUT VALID FRAME SLOT(1) OUT SLOT(2) SLOT(12) ’0’ ’0’ ’0’ 19 0 19 0 19 0 19 0 TAG PHASE DATA PHASE 20.8 µS (48kHz) 12.288MHz 81.4nS END OF PREVIOUS AUDIO FRAME TIME SLOT ’VALID’ BITS (’1’ = TIME SLOT CONTAINS VALID PCM DATA) SLOT (1) SLOT (2) SLOT (3) SLOT (12) Figure 8 AC-link Audio Output Frame The data streams currently defined by the AC’97 specification include: PCM playback - 2 output slots 2 channel composite PCM output stream PCM record data - 2 input slots 2 channel composite PCM input stream Control 2 output slots Control register write port Status 2 input slots Control register read port Optional modem line Codec output - 1 output slot Modem line Codec DAC input stream (Not supported by WM9701A) Optional modem line Codec input - 1 input slot Modem line Codec ADC output stream (Not supported by WM9701A) Optional dedicated microphone input - 1 input slot Dedicated microphone input stream in support of stereo AEC, and/or other voice applications. (Not supported by WM9701A) Synchronisation of all AC-link data transactions is signalled by the WM9701A controller. WM9701A drives the serial bit clock onto AC-link, which the AC’97 controller then qualifies with a synchronisation signal to construct audio frames. SYNC fixed at 48 kHz, is derived by dividing down the serial clock (BIT_CLK). BIT_CLK, fixed at 12.288 MHz, provides the necessary clocking granularity to support 12, 20-bit outgoing and incoming time slots. AC-link serial data is transitioned on each rising edge of BIT_CLK. The receiver of AC- link data, (WM9701A for outgoing data and the AC’97 controller for incoming data), samples each serial bit on the falling edges of BIT_CLK. The AC-link protocol provides for a special 16-bit time slot (slot 0) wherein each bit conveys a valid tag for its corresponding time slot within the current audio frame. A 1 in a given bit position of slot 0 indicates that the corresponding time slot within the current audio frame has been assigned to a data stream, and contains valid data. If a slot is “tagged” invalid, it is the responsibility of the source of the data, (WM9701A for the input stream, AC’97 controller for the output stream); to stuff all bit positions with 0s during that slot’s active time. |