| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LC16A bảng dữ liệu(PDF) 3 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
LC16A bảng dữ liệu(HTML) 3 Page - Microsemi Corporation |
|
3 / 4 page ![]() 1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR Microsemi Scottsdale Division Page 3 Copyright © 2008 10-29-2008 REV E S C O T TS DALE DIVISION LC6.5 thru LC170A, e3 BREAKDOWN VOLTAGE MICROSEMI PART NUMBER REVERSE STANDOFF VOLTAGE VWM VOLTS V(BR) VOLTS MIN MAX @ I(BR) mA MAXIMUM STANDBY CURRENT ID @VWM μA MAXIMUM CLAMPING VOLTAGE VC @ IPP VOLTS MAXIMUM PEAK PULSE CURRENT IPP @ 10/1000 µs AMPS CAPACI- TANCE @ 0 Volts pF WORKING INVERSE BLOCKING VOLTAGE VWIB VOLTS INVERSE BLOCKING LEAKAGE CURRENT IIB @ VWIB µA PEAK INVERSE BLOCKING VOLTAGE VOLTS VPIB VOLTS LC54 LC54A LC58 LC58A 54 54 58 58 60.0 60.0 64.4 64.4 73.3 66.3 78.7 71.2 1 1 1 1 5 5 5 5 96.3 87.1 103.0 93.6 15.6 17.2 14.6 16.0 100 100 100 100 150 150 150 150 10 10 10 10 200 200 200 200 LC60 LC60A LC64 LC64A 60 60 64 64 66.7 66.7 71.1 71.1 81.5 73.7 86.9 78.6 1 1 1 1 5 5 5 5 107.0 96.8 114.0 103.0 14.0 15.5 13.2 14.6 90 90 90 90 150 150 150 150 10 10 10 10 200 200 200 200 LC70 LC70A LC75 LC75A 70 70 75 75 77.8 77.8 83.3 83.3 95.1 86.0 102.0 92.1 1 1 1 1 5 5 5 5 125 113 134 121 12.0 13.3 11.2 12.4 90 90 90 90 150 150 150 150 10 10 10 10 200 200 200 200 LC80 LC80A LC90 LC90A 80 80 90 90 88.7 88.7 100 100 108 98.0 122 111 1 1 1 1 5 5 5 5 142 129 160 146 10.6 11.6 9.4 10.3 90 90 90 90 150 150 300 300 10 10 10 10 200 200 200 200 LC100 LC100A LC110 LC110A 100 100 110 110 111 111 122 122 136 123 149 135 1 1 1 1 5 5 5 5 179 162 196 178 8.4 9.3 7.7 8.4 90 90 90 90 300 300 300 300 10 10 10 10 200 200 400 400 LC120 LC120A LC130 LC130A 120 120 130 130 133 133 144 144 163 147 176 159 1 1 1 1 5 5 5 5 214 193 231 209 7.0 7.8 6.5 7.2 90 90 90 90 300 300 300 300 10 10 10 10 400 400 400 400 LC150 LC150A LC160 LC160A 150 150 160 160 167 167 178 178 204 185 218 197 1 1 1 1 5 5 5 5 268 243 287 259 5.6 6.2 5.2 5.8 90 90 90 90 300 300 300 300 10 10 10 10 400 400 400 400 LC170 LC170A 170 170 189 189 231 209 1 1 5 5 304 275 4.9 5.4 90 90 300 300 10 10 400 400 NOTE: TVS are normally selected according to the reverse “Standoff Voltage” (VWM) that should be equal to or greater than the dc or continuous peak operating voltage level. GRAPHS Peak Pulse Power FIGURE 1 Pulse Time (tw) in μs Pulse Time (tW) in μs vs. 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 |