công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM2639CDT bảng dữ liệu(PDF) 6 Page - Wolfson Microelectronics plc

tên linh kiện WM2639CDT
Giải thích chi tiết về linh kiện  12-Bit Parallel Input Voltage Output DAC with Internal Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2639CDT bảng dữ liệu(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM2639CDT Datasheet HTML 2Page - Wolfson Microelectronics plc WM2639CDT Datasheet HTML 3Page - Wolfson Microelectronics plc WM2639CDT Datasheet HTML 4Page - Wolfson Microelectronics plc WM2639CDT Datasheet HTML 5Page - Wolfson Microelectronics plc WM2639CDT Datasheet HTML 6Page - Wolfson Microelectronics plc WM2639CDT Datasheet HTML 7Page - Wolfson Microelectronics plc WM2639CDT Datasheet HTML 8Page - Wolfson Microelectronics plc WM2639CDT Datasheet HTML 9Page - Wolfson Microelectronics plc WM2639CDT Datasheet HTML 10Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
WM2639
Production Data
WOLFSON MICROELECTRONICS LTD
Production Data Rev 1.0 July 1999
6
12. SNR, SNRD, THD and SPFDR are measured on a synthesised sinewave at frequency fOUT generated with a sampling frequency fs.
SERIAL INTERFACE
D[0-11]
REG
NCS
NWE
NLDAC
X
X
DATA
REG
X
X
t
SUD
t
SUR
t
SUCSWE
t
HDR
t
WHWE
t
SUWELD
t
WLD
Figure 1 Timing Diagram
Test Conditions:
RL = 10k
Ω, C
L = 100pF. VDD = 5V
±±10%, V
REF = 2.048V and VDD = 3V
±±10%, V
REF = 1.024V over recommended operating free-air
temperature range (unless noted otherwise)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSUCSWE
Setup time NCS low before positive NWE edge
15
ns
tSUD
Setup time data ready before positive NWE edge
10
ns
tSUR
Setup time REG ready before positive NWE edge
20
ns
tHDR
Data and REG hold after positive NWE edge
5
ns
tSUWELD
Setup time NWE high before NLDAC low
5
ns
tWHWE
High pulse width of NWE
20
ns
tWLD
Low pulse width of NLDAC
23
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com