| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PD64004AH bảng dữ liệu(PDF) 13 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
PD64004AH bảng dữ liệu(HTML) 13 Page - Microsemi Corporation |
|
13 / 19 page ![]() PD64004AH - 4-Port Power Sourcing Equipment Manager for Power over Ethernet Systems Application Information The PD64004AH can be integrated into a number of applications such as Ethernet switches, routers, Midspans, and more. Examples of such applications are described below: • Integrated directly into a switch: Facilitates entire PoE concept, by including the IC(s) on the main switch’s PCB. • Daughter board add-on: Which the IC is integrated into a small PoE dedicated PCB, mounted on top of the switch’s main PCB. • Midspans: Stand alone devices, installed between the Ethernet switch and PDs (Powered Devices) such as telephone, camera, wireless LAN, etc.). These Midspans include the PD64004AH IC as a PoE control element, designed to inject power over the communication lines. Figure 4 through Figure 6 provide detailed schematic diagrams for various applications of the PD64004AH. Figure 4: Single-port Application with AC Disconnect Support Copyright © 2009 Microsemi 13 Rev. 1.0, 14-Jan-10 Analog Mixed Signal Group 2381 Morse Avenue, Irvine, CA 92614, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308 |