| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM0831LIP bảng dữ liệu(PDF) 12 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM0831LIP bảng dữ liệu(HTML) 12 Page - Wolfson Microelectronics plc |
|
12 / 14 page ![]() Wolfson Microelectronics 12 WM0831, WM0832 Functional Description (continued) Analogue Inputs. While sampling the analogue inputs short spikes of current enter a “+” input and flow out of the corresponding “-” input at the clock edges during conversion. This current does not cause errors as it decays rapidly and the internal comparator is strobed at the end of a clock period. Care should be exercised if bypass capacitors are used at the inputs, as an apparent offset error can be caused by the capacitor averaging the input current and developing a voltage across the source resistance. Bypass capacitors should not be used with a source resistance greater than 1k Ω. In considering error sources, input leakage current will also cause a voltage drop across the source resistance and hence high impedance sources should be buffered. In differential mode there is a 1/2 clock period interval be- tween sampling the “+” and the “-” inputs. If there is a change in common mode voltage during this interval an error could notionally result. For a sinusoidal common mode signal the error is given by: VERROR = VPEAK (2 πfCM) (1/(2fCLK)) Where VPEAK = Peak common mode voltage fCM = Common mode signal frequency fCLK = Clock frequency. |