| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GC4712 bảng dữ liệu(PDF) 3 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
GC4712 bảng dữ liệu(HTML) 3 Page - Microsemi Corporation |
|
3 / 5 page ![]() GC4701 - GC4750 Microsemi Microwave Products 75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748 Page 3 CONTROL DEVICES – LIMITER DIODES TM ® Copyright 2006 Rev: 2009-01-19 RoHS Compliant POWER L E AK AGE PERFO RM AN CE TR AN SFER CH ARAC TER I STIC S +0 +10 +20 +30 +40 +50 +0 +10 +20 +30 +40 +50 +60 +70 Peak Input Power (dBm) 15 Micron 4 Micron 2 Micron 0 dB 10 dB 20 dB 30 dB Typical Power Leakage vs I Region Thickness Pout Pin Low Level Ins. Loss 1 dB Compression Point Linear Region Compression Hard Limiting Burnout Typical Limiter Transfer Characteristics SERIES RESISTANCE HIGH PO WER DU A L LIMITER DESIGN Typical RS Vs IF Curve 0.1 1 10 100 1000 0.001 0.01 0.1 1 10 100 IF(mA) GC4750 GC4750 RF IN 50 Ω RF OUT 50 Ω DC BLOCK DC BLOCK SCHOTTKY DRIVER (GC9700) GC4712 Spacing 2 Stage Limiter with Schottky Driver λ / 4 |