| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DRF200G bảng dữ liệu(PDF) 3 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
DRF200G bảng dữ liệu(HTML) 3 Page - Microsemi Corporation |
|
3 / 4 page ![]() Microsemi’s products are covered by one or more of U.S. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 and foreign patents. US and Foreign patents pending. All Rights Reserved. DRF200G The Test Circuit illustrated above was used to evaluate the DRF200 (available as an evaluation Board DRF2XX / EVALSW.) The input control signal is applied to the DRF200 via IN(1) and SG(2) pins using RG188. This provides excellent noise immunity and control of the signal ground currents. The +V DD input (4) is by-passed by C1. The capacitor used for this function must be capable of supporting the RMS currents and frequency of the gate load. Figure 2, DRF200 Test Circuit |