công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KBPC3510MB3510 bảng dữ liệu(PDF) 1 Page - Wing Shing Computer Components

tên linh kiện KBPC3510MB3510
Giải thích chi tiết về linh kiện  SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 35 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WINGS [Wing Shing Computer Components]
Trang chủ  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

KBPC3510MB3510 bảng dữ liệu(HTML) 1 Page - Wing Shing Computer Components

  KBPC3510MB3510 Datasheet HTML 1Page - Wing Shing Computer Components KBPC3510MB3510 Datasheet HTML 2Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Surge overload ratings-400 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MB-25
* Case: Metal, electrically isolated
MECHANICAL DATA
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: Plated .25"(6.35mm) Faston lugs, solderable per
MIL-STD-202E, Method 208 guaranteed
* Polarity: As marked
* Mounting position: Any
* Weight: 30 grams
Dimensions in inches and (millimeters)
TYP
* Metal case for Maximum Heat Dissipation
* Low forward voltage drop
KBPC35005 KBPC3501 KBPC3502 KBPC3504 KBPC3506 KBPC3508 KBPC3510
PARAMETER
SYMBOL
MB3505
MB351
MB352
MB354
MB356
MB358
MB3510
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current at TC = 55℃
IO
25
Amps
Peak Forward Surge Current 8.3 ms single half sine-wave
Superimposed on rated load (JEDEC Method)
IFSM
400
Amps
Maximum Forward Voltage Drop per element at 17.5A DC
VF
1.1
Volts
@TA = 25℃
10
Maximum DC Reverse Current at
Rated DC Blocking Voltage
@TA = 100℃
IR
500
uAmps
I
2t Rating for Fusing (t < 8.3ms)
I
2t
664
A
2Sec
Typical Junction Capacitance ( Note 1 )
CJ
300
pF
Typical Thermal Resistance ( Note 2 )
RθJc
2.2
℃/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
℃
Notes:
1.Measured at 1 MHz and applied reverse voltage of 4.0 volts
2.Thermal Resistance from Junction to Case per legs.
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 35 Amperes
SINGLE-PHASE SILICON
BRIDGE RECTIFIER
KBPC35005-KBPC3510


Số phần tương tự - KBPC3510MB3510

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Won-Top Electronics
KBPC3510 WTE-KBPC3510 Datasheet
52Kb / 4P
15,25,35A HIGH CURRENT BRIDGE RECTIFIER
logo
Semtech Corporation
KBPC3510 SEMTECH-KBPC3510 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC3510 SSE-KBPC3510 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC3510 CHENYI-KBPC3510 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Dc Components
KBPC3510 DCCOM-KBPC3510 Datasheet
560Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Mô tả tương tự - KBPC3510MB3510

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rectron Semiconductor
MB2505 RECTRON-MB2505 Datasheet
27Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
MB3505 RECTRON-MB3505 Datasheet
27Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes)
MP3505 RECTRON-MP3505 Datasheet
29Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes)
RS1501M RECTRON-RS1501M Datasheet
31Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes)
RS2501M RECTRON-RS2501M Datasheet
30Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
RS601 RECTRON-RS601 Datasheet
55Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
RS801 RECTRON-RS801 Datasheet
26Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes)
MB3505 RECTRON-MB3505_07 Datasheet
267Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes
MP3505 RECTRON-MP3505_11 Datasheet
188Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes
MP3505W RECTRON-MP3505W Datasheet
146Kb / 5P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2019-06 REV:D
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com