| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F2L358CNFP bảng dữ liệu(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2L358CNFP bảng dữ liệu(HTML) 23 Page - Renesas Technology Corp |
|
23 / 76 page ![]() REJ03B0293-0020 Rev.0.20 Mar 12, 2010 Page 21 of 72 Under development Preliminary specification Specifications in this manual are tentative and subject to change. R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group 1. Overview Notes: 1. The pin in parentheses can be assigned by a program. 2. The number in brackets indicates the pin number for the 100P6F package. 3. Pins AN10 and AN11 are not available in the R8C/L35C, and R8C/L36C Groups. Table 1.12 Pin Name Information by Pin Number (2) Pin Number Control Pin Port I/O Pin Functions for Peripheral Modules L3AC (Note 2) L38C L36C L35C Interrupt Timer Serial Interface SSU I2C bus A/D Converter, D/A Converter, Comparator B, Voltage Detection Circuit LCD drive control circuit 40 [42] 31 P6_6 TRDIOC1 SEG50 41 [43] 32 P6_5 TRDIOB1 SEG49 42 [44] 33 P6_4 TRDIOA1 SEG48 43 [45] 34 P6_3 TRDIOD0 SEG47 44 [46] 35 P6_2 TRDIOC0 SEG46 45 [47] 36 P6_1 TRDIOB0 SEG45 46 [48] 37 P6_0 TRDIOA0/ TRDCLK SEG44 47 [49] P5_3 SEG43 48 [50] P5_2 SEG42 49 [51] P5_1 SEG41 50 [52] P5_0 SEG40 51 [53] 38 27 22 P4_7 TRCIOD/ TRCIOB SEG39 52 [54] 39 28 23 P4_6 TRCIOC/ TRCIOB SEG38 53 [55] 40 29 24 P4_5 TRCIOB SEG37 54 [56] 41 30 25 P4_4 TRCIOA/ TRCTRG SEG36 55 [57] 42 31 26 P4_3 TRCCLK/ TRCTRG SEG35 56 [58] 43 32 27 P4_2 CLK1 SEG34 57 [59] 44 33 28 P4_1 RXD1 SEG33 58 [60] 45 34 29 P4_0 TXD1 SEG32 59 [61] 46 35 P3_7 INT7 TRCTRG ADTRG SEG31 60 [62] 47 36 P3_6 INT6 SEG30 61 [63] 48 37 P3_5 INT5 SEG29 62 [64] 49 38 P3_4 INT4 SEG28 63 [65] 50 39 30 P3_3 INT3 SEG27 64 [66] 51 40 31 P3_2 INT2 SEG26 65 [67] 52 41 32 P3_1 INT1 SEG25 66 [68] 53 42 33 P3_0 INT0 SEG24 67 [69] 54 43 34 P2_7 KI7 SEG23 68 [70] 55 44 35 P2_6 KI6 SEG22 69 [71] 56 45 36 P2_5 KI5 SEG21 70 [72] 57 46 37 P2_4 KI4 SEG20 71 [73] 58 P2_3 KI3 SEG19 72 [74] 59 P2_2 KI2 SEG18 73 [75] 60 P2_1 KI1 SEG17 74 [76] 61 P2_0 KI0 SEG16 75 [77] P1_7 SEG15 76 [78] P1_6 SEG14 77 [79] P1_5 SEG13 78 [80] P1_4 SEG12 79 [81] 62 P1_3 AN15 SEG11 80 [82] 63 P1_2 AN14 SEG10 81 [83] 64 P1_1 AN13 SEG9 82 [84] 65 P1_0 AN12 SEG8 83 [85] 66 47 38 P0_7 AN11 (3) SEG7 84 [86] 67 48 39 P0_6 AN10 (3) SEG6 |