công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLC5970DAP bảng dữ liệu(PDF) 21 Page - Texas Instruments

tên linh kiện TLC5970DAP
Giải thích chi tiết về linh kiện  3-Channel, 12-Bit, PWM LED Driver with Buck DC/DC Converter and Differential Signal Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TLC5970DAP bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button TLC5970DAP Datasheet HTML 17Page - Texas Instruments TLC5970DAP Datasheet HTML 18Page - Texas Instruments TLC5970DAP Datasheet HTML 19Page - Texas Instruments TLC5970DAP Datasheet HTML 20Page - Texas Instruments TLC5970DAP Datasheet HTML 21Page - Texas Instruments TLC5970DAP Datasheet HTML 22Page - Texas Instruments TLC5970DAP Datasheet HTML 23Page - Texas Instruments TLC5970DAP Datasheet HTML 24Page - Texas Instruments TLC5970DAP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
I
I
(mA)
OUTn
OLCMax
(mA)=
´
DCn
127d
´
BC
127d
TLC5970
www.ti.com
SBVS140 – MARCH 2010
Equation 2 determines each output (OUTn) sink current:
Where:
IOLCMax = the maximum channel current for each channel determined by RIREFn
DCn = the decimal dot correction value for each OUTn in the DC latch (DCn = 0d to 127d)
BC = the decimal brightness control value in the brightness control latch (BC = 0d to 127d)
(2)
DC, BC, and function current control data are shown in Table 2, Table 3, and Table 4, respectively.
Table 2. DC Data versus Current Ratio and Set Current Value
SET CURRENT
RATIO TO
DC DATA
DC DATA
DC DATA
BC DATA
MAXIMUM
150 mA IOLCMax
10 mA IOLCMax
(Binary)
(Decimal)
(Hex)
(Hex)
CURRENT (%)
(mA, Typical)
(mA, Typical)
000 0000
0
00
7F
0
0
0
000 0001
1
01
7F
0.8
1.18
0.08
000 0010
2
02
7F
1.6
2.36
0.16
—
—
—
—
—
—
—
111 1101
125
7D
7F
98.4
147.64
9.84
111 1110
126
7E
7F
99.2
148.82
9.92
111 1111
127
7F
7F
100.0
150.00
10.00
Table 3. BC Data versus Current Ratio and Set Current Value
SET CURRENT
RATIO TO
BC DATA
BC DATA
BC DATA
DC DATA
MAXIMUM
150 mA IOLCMax
10 mA IOLCMax
(Binary)
(Decimal)
(Hex)
(Hex)
CURRENT (%)
(mA, Typical)
(mA, Typical)
000 0000
0
00
7F
0
0
0
000 0001
1
01
7F
0.8
1.18
0.08
000 0010
2
02
7F
1.6
2.36
0.16
—
—
—
—
—
—
—
111 1101
125
7D
7F
98.4
147.64
9.84
111 1110
126
7E
7F
99.2
148.82
9.92
111 1111
127
7F
7F
100.0
150.00
10.00
Table 4. DC and BC Data versus Current Ratio and Set Current Value
SET CURRENT RATIO
BC DATA
DC DATA
TO MAXIMUM CURRENT
150 mA IOLCMax
10 mA IOLCMax
(Hex)
(Hex)
(%)
(mA, Typical)
(mA, Typical)
00
00
0
0
0
01
01
0
0.01
0
02
02
0.01
0.04
0
—
—
—
—
—
7D
7D
96.88
145.31
9.69
7E
7E
98.43
147.65
9.84
7F
7F
100.0
150.00
10.00
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TLC5970



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com