| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APT18F60S bảng dữ liệu(PDF) 3 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
APT18F60S bảng dữ liệu(HTML) 3 Page - Microsemi Corporation |
|
3 / 4 page ![]() V GS = 7 &,8V 4.5V T J = 125°C T J = 25°C T J = -55°C V GS = 10V 6V 5V V DS > I D(ON) x R DS(ON) MAX. 250µSEC. PULSE TEST @ <0.5 % DUTY CYCLE NORMALIZED TO V GS = 10V @ 9A T J = 125°C T J = 25°C T J = -55°C C oss C iss I D = 9A V DS = 480V V DS = 120V V DS = 300V T J = 125°C T J = 25°C T J = -55°C T J = 150°C T J = 25°C T J = 125°C T J = 150°C C rss 5.5V V DS(ON) , DRAIN-TO-SOURCE VOLTAGE (V) V DS , DRAIN-TO-SOURCE VOLTAGE (V) Figure 1, Output Characteristics Figure 2, Output Characteristics T J , JUNCTION TEMPERATURE (°C) V GS , GATE-TO-SOURCE VOLTAGE (V) Figure 3, R DS(ON) vs Junction Temperature Figure 4, Transfer Characteristics I D , DRAIN CURRENT (A) V DS , DRAIN-TO-SOURCE VOLTAGE (V) Figure 5, Gain vs Drain Current Figure 6, Capacitance vs Drain-to-Source Voltage Q g , TOTAL GATE CHARGE (nC) V SD , SOURCE-TO-DRAIN VOLTAGE (V) Figure 7, Gate Charge vs Gate-to-Source Voltage Figure 8, Reverse Drain Current vs Source-to-Drain Voltage 0 5 10 15 20 25 30 0 5 10 15 20 25 30 -55 -25 0 25 50 75 100 125 150 0 1 2 3 4 5 6 7 8 0 5 10 15 20 0 100 200 300 400 500 600 0 20 40 60 80 100 120 140 0 0.3 0.6 0.9 1.2 1.5 60 50 40 30 20 10 0 3.0 2.5 2.0 1.5 1.0 0.5 0 30 25 20 15 10 5 0 16 14 12 10 8 6 4 2 0 25 20 15 10 5 0 65 60 55 50 45 40 35 30 25 20 15 10 5 0 5,000 1000 100 10 65 60 55 50 45 40 35 30 25 20 15 10 5 0 APT18F60B_S |