| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VG36648041CT bảng dữ liệu(PDF) 13 Page - Vanguard International Semiconductor |
|
|
|||||||||||||||||||||||||||||
VG36648041CT bảng dữ liệu(HTML) 13 Page - Vanguard International Semiconductor |
|
13 / 70 page ![]() Document : 1G5-0153 Rev.1 Page 13 VIS Preliminary VG36648041CT CMOS Synchronous Dynamic RAM 2.5 Command Truth Table for CKE Note 1 Note: Current state CKE n - 1 CKE n CS RAS CAS WE Address Action Notes Self refresh (S.R.) H X X X X X X INVALID, CLK (n - 1)would exit S.R. L H H X X X X S.R. Recovery 2 L H L H H X X S.R. Recovery 2 L H L H L X X ILLEGAL L H L L X X X ILLEGAL L L X X X X X Maintain S.R. Self refresh recovery H H H X X X X Idle after tRC H H L H H X X Idle after tRC H H L H L X X ILLEGAL H H L L X X X ILLEGAL H L H X X X X Begin clock suspend next cycle 5 H L L H H X X Begin clock suspend next cycle 5 H L L H L X X ILLEGAL H L L L X X X ILLEGAL L H X X X X X Exit clock suspend next cycle 2 L L X X X X X Maintain clock suspend Power down (P.D.) H X X X X X INVALID, CLK (n - 1) would exit P.D. L H X X X X X EXIT P.D. Idle 2 L L X X X X X Maintain power down mode Both banks idle H H H X X X Refer to operations in Operative Command Table H H L H X X Refer to operations in Operative Command Table H H L L H X Refer to operation in Operative Command Table H H L L L H X Auto Refresh H H L L L L Op - Code Refer to operations in Operative Command Table H L H X X X Refer to operations in Operative Command Table H L L H X X Refer to operations in Operative Command Table H L L L H X Refer to operations in Operative Command Table H L L L L H X Self refresh 3 H L L L L L Op - Code Refer to operations in Operative Command Table L X X X X X X Power down 3 Any state other than listed above H H X X X X X Refer to operations in Operative Command Table H L X X X X X Begin clock suspend next cycle 4 L H X X X X X Exit clock suspend next cycle L L X X X X X Maintain clock suspend → 1. H : Hight level, L : low level, X : High or low level (Don't care). 2. CKE Low to High transition will re-enable CLK and other inputs asynchronously. A minimum setup time must be satisfied before any command other than EXIT. 3. Power down and Self refresh can be entered only from the both banks idle state. 4. Must be legal command as defined in Operative Command Table. 5. Illegal if tSREX is not satisfied. |