| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BVM-SFS3W3S bảng dữ liệu(PDF) 4 Page - Bright View Electronic Co., LTD. |
|
|
|||||||||||||||||||||||||||||
BVM-SFS3W3S bảng dữ liệu(HTML) 4 Page - Bright View Electronic Co., LTD. |
|
4 / 6 page ![]() ■ CHROMATICITY DIAGRAM CIE 1931 *The chromaticity coordinates (x,y) of the SMD LEDs are in accordance with CIE 1931 chromaticity diagram. *The color temperature values used are based on the traditional incandescence lighting standard which cannot be exact applicable to LED lighting. It must be used only for reference purpose. *Measurement uncertainty of color coordinates: ±0.02 Note: Products of different CIE bins may not use the same materials and thus may have minor differences in characteristic and business terms FLEXSTRIP LIGHT BVM-SFS3 SERIES Bright View Electronics A1 A2 A3 B1 B2 B3 C1 C2 C3 D1 D2 D3 0.23 0.25 0.27 0.29 0.31 0.33 0.24 0.26 0.28 0.30 0.32 x E1 E2 E3 Date:2008/06/05 Page :4 of 6 Version-B |