| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MP1510 bảng dữ liệu(PDF) 2 Page - RFE international |
|
|
|||||||||||||||||||||||||||||
MP1510 bảng dữ liệu(HTML) 2 Page - RFE international |
|
2 / 4 page ![]() BRIDGE RECTIFIERS 10 to 15 Amps RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com RoHS ü µ Peak Repetitive Reverse Voltage Max Avg Rectified Current Max. Peak Fwd Surge Current Max Reverse Current VRRM IO IFSM IR@VR V A A V A A MP10005 50 10.0 300 1.0 5.0 10 MP1001 100 10.0 300 1.0 5.0 10 MP1002 200 10.0 300 1.0 5.0 10 MP1004 400 10.0 300 1.0 5.0 10 MP1006 600 10.0 300 1.0 5.0 10 MP1008 800 10.0 300 1.0 5.0 10 MP1010 1000 10.0 300 1.0 5.0 10 MP10005W 50 10.0 300 1.0 5.0 10 MP1001W 100 10.0 300 1.0 5.0 10 MP1002W 200 10.0 300 1.0 5.0 10 MP1004W 400 10.0 300 1.0 5.0 10 MP1006W 600 10.0 300 1.0 5.0 10 MP1008W 800 10.0 300 1.0 5.0 10 MP1010W 1000 10.0 300 1.0 5.0 10 MP10005S 50 10.0 300 1.0 5.0 10 MP1001S 100 10.0 300 1.0 5.0 10 MP1002S 200 10.0 300 1.0 5.0 10 MP1004S 400 10.0 300 1.0 5.0 10 MP1006S 600 10.0 300 1.0 5.0 10 MP1008S 800 10.0 300 1.0 5.0 10 MP1010S 1000 10.0 300 1.0 5.0 10 KBU15005 50 15.0 300 1.0 7.5 10 KBU1501 100 15.0 300 1.0 7.5 10 KBU1502 200 15.0 300 1.0 7.5 10 KBU1504 400 15.0 300 1.0 7.5 10 KBU1506 600 15.0 300 1.0 7.5 10 KBU1508 800 15.0 300 1.0 7.5 10 KBU1510 1000 15.0 300 1.0 7.5 10 GBU15005 50 15.0 240 1.1 7.5 10 GBU1501 100 15.0 240 1.1 7.5 10 GBU1502 200 15.0 240 1.1 7.5 10 GBU1504 400 15.0 240 1.1 7.5 10 GBU1506 600 15.0 240 1.1 7.5 10 GBU1508 800 15.0 240 1.1 7.5 10 GBU1510 1000 15.0 240 1.1 7.5 10 GBJ15005 50 15.0 240 1.1 7.5 10 GBJ1501 100 15.0 240 1.1 7.5 10 GBJ1502 200 15.0 240 1.1 7.5 10 GBJ1504 400 15.0 240 1.1 7.5 10 GBJ1506 600 15.0 240 1.1 7.5 10 GBJ1508 800 15.0 240 1.1 7.5 10 GBJ1010 1000 15.0 240 1.1 7.5 10 KBJ15005 50 15.0 240 1.1 7.5 10 KBJ1501 100 15.0 240 1.1 7.5 10 KBJ1502 200 15.0 240 1.1 7.5 10 KBJ1504 400 15.0 240 1.1 7.5 10 KBJ1506 600 15.0 240 1.1 7.5 10 KBJ1508 800 15.0 240 1.1 7.5 10 KBJ1510 1000 15.0 240 1.1 7.5 10 RFE Part Number Forward Voltage Drop Package Outline (Typical Size in inches) VF@IF 10.0 AMP Single-Phase Bridge Rectifiers (Cont'd) 15.0 AMP Single-Phase Bridge Rectifiers GBJ KBJ MPW MPS KBU GBU MP MPS MPW MP GBJ GBU KBJ KBU C3D03S REV 2009.12.21 |