| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT83F20 bảng dữ liệu(PDF) 3 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT83F20 bảng dữ liệu(HTML) 3 Page - Holtek Semiconductor Inc |
|
3 / 62 page ![]() Pin Assignment Pin Description Pin Name I/O Options Description PA0~PA7 I/O Wake-up, Pull-high or None Bidirectional 8-bit I/O port, Each bit can be configured as a wake-up input by configuration option. Software instructions determine if the pin is a CMOS out- put or Schmitt trigger input. Configuration options determine which pins on this port have pull-high resistors. PB0/SDO/SDA PB1/SCK/SCL PB2/SDI PB3/SCS I/O Pull-high or None Bidirectional 4-bit I/O port. Each bit can be configured as a wake-up input by configuration option. Software instructions determine if the pin is a CMOS out- put or Schmitt trigger input. Configuration options determine which pins on this port have pull-high resistors. Pins PB0~PB3 are pin-shared with SPI flash control and I2C control pins SDO/SDA, SCK/SCL, SDI and SCS. DO O ¾ Data output pin CLK O ¾ Clock output pin. DI I ¾ Data input pin. SCS O ¾ Select signal. AUD O CMOS Audio output for driving external transistor or power amplifier. PWM1, PWM2 O ¾ PWM circuit direct speaker drive RES I ¾ Schmitt trigger reset input. Active low OSC1 OSC2 ¾ Crystal or RC OSC1, OSC2 are connected to an external RC network or external crystal, de- termined by configuration option, for the internal system clock. If the RC sys- tem clock option is selected, pin OSC2 can be used to measure the system clock at 1/4 frequency. VDD ¾¾ Positive digital power supply VSS ¾¾ Negative digital power supply, ground VSSP ¾¾ PWM negative power supply, ground VDDP ¾¾ PWM positive power supply VSSA ¾¾ Negative DAC circuit power supply, ground VDDA ¾¾ Positive DAC circuit Power supply HT83FXX Rev. 1.10 3 January 21, 2010 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2 3 3 3 4 3 5 3 6 3 7 3 8 3 9 4 0 4 1 4 2 4 3 4 4 H T 8 3 F 1 0 / 2 0 / 4 0 / 6 0 / 8 0 4 4 Q F P - A S I P A 7 P A 6 P A 5 P A 4 P A 3 P A 2 P A 1 P A 0 P B 0 P B 1 V D D F N C N C V S S P P W M 2 P W M 1 V D D P V D D A A U D V S S A O S C 2 H T 8 3 F 1 0 P / 2 0 P / 4 0 P / 6 0 P / 8 0 P 4 4 Q F P - A 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 2 9 3 0 3 1 3 2 3 3 3 4 3 5 3 6 3 7 3 8 3 9 4 0 4 1 4 2 4 3 4 4 S I P A 7 P A 6 P A 5 P A 4 P A 3 P A 2 P A 1 P A 0 P B 0 P B 1 V D D F L D O _ O U T L D O _ I N V S S P P W M 2 P W M 1 V D D P V D D A A U D V S S A O S C 2 |