| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XS2F-M12PVC4S2M bảng dữ liệu(PDF) 2 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
XS2F-M12PVC4S2M bảng dữ liệu(HTML) 2 Page - Omron Electronics LLC |
|
2 / 20 page ![]() 140 Round Water-resistant Connectors (M12) XS2 4-Pin and 5-Pin Connectors with Cable Attached ■ XS2F - Socket on One Cable End Dimensions (Unit: mm) Wiring Diagram XS2F-M12PVC @@@@M PVC Cable XS2F-M12PUR @@@@M PUR Cable (PENDING) Straight 40.7 14.9 dia. L50 (40: For PUR cable) 30 5 45 ° 5 dia. M12 25.3 28.3 L 50 (40: For PUR cable) 30 5 45 ° 5 dia. M12 Angled 3 cores 4 cores 5 cores 1 2 3 4 Blue Black Contact No. Cable lead colors Brown 1 2 3 4 Blue Black Brown White Contact No. Cable lead colors 1 2 3 5 4 Blue Green / Yellow Black Brown White Contact No. Cable lead colors |