| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XS3F-M8PVC4A2M bảng dữ liệu(PDF) 3 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
XS3F-M8PVC4A2M bảng dữ liệu(HTML) 3 Page - Omron Electronics LLC |
|
3 / 14 page ![]() Round Water-resistant Connectors (M8) XS3 167 Ordering Information Model Number Legend Use this model number legend to identify products from their model number. When ordering, use a model number from the table in Ordering Information. 1. Screw Type M8: M8 size 2. Cable type PVC: PVC cable PUR: PUR cable 3. Number of Poles 3: 3 poles 4: 4 poles 4. Shape A: Angled S: Straight 5. Cable Length 2M: 2 m 5M: 5 m 10M: 10 m Connector Size Cable material Poles Type Length (m) Product description Socket M8 PVC 3 Angled 2 XS3F-M8PVC3A2M 5 XS3F-M8PVC3A5M 10 XS3F-M8PVC3A10M Straight 2 XS3F-M8PVC3S2M 5 XS3F-M8PVC3S5M 10 XS3F-M8PVC3S10M 4 Angled 2 XS3F-M8PVC4A2M 5 XS3F-M8PVC4A5M 10 XS3F-M8PVC4A10M Straight 2 XS3F-M8PVC4S2M 5 XS3F-M8PVC4S5M 10 XS3F-M8PVC4S10M PUR 3 Angled 2 XS3F-M8PUR3A2M 5 XS3F-M8PUR3A5M 10 XS3F-M8PUR3A10M Straight 2 XS3F-M8PUR3S2M 5 XS3F-M8PUR3S5M 10 XS3F-M8PUR3S10M 4 Angled 2 XS3F-M8PUR4A2M 5 XS3F-M8PUR4A5M 10 XS3F-M8PUR4A10M Straight 2 XS3F-M8PUR4S2M 5 XS3F-M8PUR4S5M 10 XS3F-M8PUR4S10M XS3F - M8 @@@ @ @ @@M 12 3 4 5 |