công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

G6D-ASI bảng dữ liệu(PDF) 2 Page - Omron Electronics LLC

tên linh kiện G6D-ASI
Giải thích chi tiết về linh kiện  Power PCB Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6D-ASI bảng dữ liệu(HTML) 2 Page - Omron Electronics LLC

  G6D-ASI Datasheet HTML 1Page - Omron Electronics LLC G6D-ASI Datasheet HTML 2Page - Omron Electronics LLC G6D-ASI Datasheet HTML 3Page - Omron Electronics LLC G6D-ASI Datasheet HTML 4Page - Omron Electronics LLC G6D-ASI Datasheet HTML 5Page - Omron Electronics LLC G6D-ASI Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
128
Power PCB Relay
G6D-ASI
■ Coil Data
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C (73°F) with a tolerance of ±10%.
2. Operating characteristics are measured at a coil temperature of 23
°C (73°F).
3. The pick-up voltage is 75% or less of rated voltage if the relay is mounted upside down.
■ Characteristics
Note: Data shown are of initial value.
■ Characteristic Data
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Pick-up
voltage
Dropout
voltage
Maximum
voltage
Power
consumption
(mW)
% of rated voltage
5
40
125
70% max.
10% min.
160% at 23
°C
Approx. 200
12
16.7
720
24
8.3
2,880
Contact resistance
100 m
Ω max.
Operate time
10 ms max.
Release time
5 ms max.
Operating
frequency
Mechanical
18,000 operations/hour
Electrical
1,800 operations/hour (under rated load)
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
3,000 VAC, 50/60 Hz for 1 minute between coil and contacts
750 VAC, 50/60 Hz for 1 minute between contacts of the same polarity
Surge withstand voltage
6,000 V, 1.20 x 50
μs between coil and contacts
Vibration
Mechanical durability 10 to 55 Hz, 1.50 mm (0.06 in) double amplitude
Malfunction durability 10 to 55 Hz, 1.50 mm (0.06 in) double amplitude
Shock
Mechanical durability 1,000 m/s2 (approx. 100 G)
Malfunction durability 100 m/s2 (approx. 10 G)
Ambient temperature
Operating
-25
° to 70°C (-13° to 158°F)
Humidity
5% to 85% RH
Life expectancy
Mechanical
20 million operations min. (at operating frequency of 18,000 operations/hour)
Electrical
70,000 operations min. at rated loads (300,000 operations min for 2A at 250 VAC, 30 VDC,
resistive load)
Weight
Approx. 3 g (0.10 oz)
Maximum Switching Capacity
30
10
5
3
1
0.1
0
3
5
10
30
100
250
500 1,000
0.3
0.5
50
DC resistive
load
DC inductive
load
AC inductive
load
cos
φ=0.4
AC resistive load
Switching voltage (V)
Life Expectancy
Switching current (A)
1
2
3
4
5
6
7
8
9
10
500
300
100
50
30
10
5
3
0
250-VAC/30-VDC resistive load
250-VAC/30 VDC inductive load
(cos
φ=0.4/ L/R=7 ms)
Ambient Temperature vs.
Maximum Coil Voltage
Note: The maximum coil voltage is the
maximum voltage that can be
applied to the relay coil.
023
30
40
50
60
70
8090
180
160
140
120
80
60
100
200
Ambient temperature (
°C)



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com