công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

G5LA-1-CF bảng dữ liệu(PDF) 2 Page - Omron Electronics LLC

tên linh kiện G5LA-1-CF
Giải thích chi tiết về linh kiện  PCB Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5LA-1-CF bảng dữ liệu(HTML) 2 Page - Omron Electronics LLC

  G5LA-1-CF Datasheet HTML 1Page - Omron Electronics LLC G5LA-1-CF Datasheet HTML 2Page - Omron Electronics LLC G5LA-1-CF Datasheet HTML 3Page - Omron Electronics LLC G5LA-1-CF Datasheet HTML 4Page - Omron Electronics LLC G5LA-1-CF Datasheet HTML 5Page - Omron Electronics LLC G5LA-1-CF Datasheet HTML 6Page - Omron Electronics LLC G5LA-1-CF Datasheet HTML 7Page - Omron Electronics LLC G5LA-1-CF Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
168
PCB Relay
G5LA
Specifications
■ Coil Ratings
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with tolerances of ±10%.
2. Please avoid ultrasonic cleaning this relay.
■ Contact Ratings
Note: SPDT type can switch up to 10 A @ 250 VAC/24 VDC Resistive Load on NO contact if there is no load on the NC contact.
■ Characteristics
Note: 1. Data shown are of initial value.
2. All G5LA Class A rated relays are factory guaranteed to maximum Operating Temperature of 85
°C.
UL rated maximum temperature is pending approval for Class B rating.
Rated Voltage
(VDC)
Rated current
(mA)
Coil resistance
(
Ω)
Must operate
voltage
Must release
voltage
Rated power
consumption
(W)
Max voltage
5
72
69.4
75% max.
10% min.
Approx. 0.36
130% of rated voltage
at 85
°C
170% of rated voltage
at 23
°C
940
225
12
30
400
24
15
1600
48
10
4800
Approx. 0.48
Rated load
(resistive)
SPST-NO
10 A @ 250 VAC (NO)
10 A @ 24 VDC (NO)
SPDT
5 A @ 125 VAC (NO/NC)
5 A @ 24 VDC (NO/NC)
High-capacity
5 A @ 250 VAC (NO/NC)
5 A @ 24 VDC (NO/NC)
Rated carry current
10 A (SPST-NO)
10 A (High-capacity)
5 A (SPDT)
Max. switching voltage
250 VAC
24 VDC
Max. switching current
10 A
SPST-NO
5 A
SPDT, High-capacity
Max. switching capacity
2500 VA, 240 W (NO)
625 VA, 120 W (NC) 1250 VA, 120 W (NO/NC High-capacity)
Min. permissible load
100 mA at DC5V (P level:
λ
60 = 0.1 x 10
-6 / ops)
Contact Material
AgSnO
2
Contact resistance
100 m
Ω max.
Operate time
10 ms max.
Release time
5 ms max.
Max. operating frequency
Mechanical: 18,000 operations/hr
Electrical:
1,800 operations/hr (under rated load)
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 minute between coil and contacts
750 VAC, 50/60 Hz for 1 minute between contacts of same polarity
Vibration resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 (approx. 100G)
Malfunction: 100 m/s2 (approx. 10G)
Life expectancy
Mechanical: 10,000,000 operations min. (at 18,000 operations/hr under no load)
Electrical:
100,000 operations average. (at 1,800 operations/hr under rated load)
Ambient temperature
Operating:-
40
°C to 85°C (with no icing or condensation)
Storage:
-40
°C to 85°C (with no icing or condensation)
Ambient humidity
Operating:
35% to 85%
Storage:
35% to 85%
Weight
Approx. 7.5g



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com