| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MY2 bảng dữ liệu(PDF) 18 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
MY2 bảng dữ liệu(HTML) 18 Page - Omron Electronics LLC |
|
18 / 20 page ![]() 276 General-purpose Relay MY ■ Precautions Precautions for Connection • Do not move the screwdriver up, down, or from side to side while it is inserted in the hole. Doing so may cause damage to internal components (e.g., deformation of the coil spring or cracks in the housing) or cause deterioration of insulation. • Do not insert the screwdriver at an angle. Doing so may break the side of socket and result in a short-circuit. • Do not insert two or more wires in the hole. Wires may come in con- tact with the spring causing a temperature rise or be subject to sparks. (There are two wiring holes for each terminal.) • Insert the screwdriver along the hole wall as shown below. • If lubricating liquid, such as oil, is present on the tip of screwdriver, the screwdriver may fall out resulting in injury to the operator. • Insert the screwdriver into the bottom of the hole. It may not be pos- sible to connect cables properly if the screwdriver is inserted incor- rectly. General Precautions • Use the clip to prevent relays floating or falling out of the socket. • Do not use the product if it has been dropped on the ground. Drop- ping the product may adversely affect performance. • Confirm that the socket is securely attached to the mounting track before wiring. If the socket is mounted insecurely it may fall and injure the operator. • Ensure that the socket is not charged during wiring and mainte- nance. Not doing so may result in electric shock. • Do not pour water or cleansing agents on the product. Doing so may result in electric shock. • Do not use the socket in locations subject to solvents or alkaline chemicals. • Do not use the socket in locations subject to ultraviolet light (e.g., direct sunlight). Doing so may result in markings fading, rust, corro- sion, or resin deterioration. • Do not dispose of the product in fire. Removing from Mounting Rail To remove the socket from the mounting rail, insert the tip of screw- driver in the fixture rail, and move it in the direction shown below. Screwdriver Screwdriver Fixture rail |