công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS-3GLPT bảng dữ liệu(PDF) 2 Page - Omron Electronics LLC

tên linh kiện SS-3GLPT
Giải thích chi tiết về linh kiện  Subminiature Basic Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-3GLPT bảng dữ liệu(HTML) 2 Page - Omron Electronics LLC

  SS-3GLPT Datasheet HTML 1Page - Omron Electronics LLC SS-3GLPT Datasheet HTML 2Page - Omron Electronics LLC SS-3GLPT Datasheet HTML 3Page - Omron Electronics LLC SS-3GLPT Datasheet HTML 4Page - Omron Electronics LLC SS-3GLPT Datasheet HTML 5Page - Omron Electronics LLC SS-3GLPT Datasheet HTML 6Page - Omron Electronics LLC SS-3GLPT Datasheet HTML 7Page - Omron Electronics LLC SS-3GLPT Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
104
Subminiature Basic Switch
SS-P
Specifications
■ Characteristics
Note: 1. The data given above are initial values.
2. The dielectric strength shown in the table indicates a value for models with a Separator.
3. For the pin plunger models, the above values apply for both the free position and total travel position. For the lever models, the values
apply at the total travel position. Contact opening or closing time is within 1 ms.
■ Ratings
Note: The electrical rating applies under the following test conditions:
Ambient Temperature = 20
±2°C, Ambient Humidity = 65±5%, Operating frequency = 30 operations/minute
■ Approved Standards
UL Recognized (File No. E41515)
CSA Certified (UL approval)
EN61058-1 - - VDE approval
(File No. 40008425)
Testing conditions: 5E4 (50,000 operations), T55 (0
°C to 55°C)
Note: The rated values approved by each of the safety standards
(e.g. UL, CSA) may be different from the performance charac-
teristics individually defined in this catalog.
■ Contact Specifications
Note: Minimum applicable loads are indicated by N standard refer-
ence values. This value represents the failure rate at a 60%
(λ
60) reliability level (JIS C5003).
The equation
λ
60=0.5 x 10
-6 / operations indicates that a failure
rate of 1/2,000,000 operations can be expected at a reliability
level of 60%
Operating speed
0.1 mm to 1 m/s (for pin plunger models)
Operating frequency
Mechanical: 300 operations/min
Electrical: 30 operations/min
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance
SS-3P: 50 m
Ω max.
SS-01P: 100 m
Ω max.
Dielectric strength (See note 2)
1,000 VAC, 50/60 Hz for 1 min between terminals of the same polarities
1,500 VAC, 50/60 Hz for 1 min between current-carrying metal parts and ground, and
between each terminal and non-current-carrying metal parts
Vibration resistance (See note 3)
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance (See note 3)
Destruction: 1,000 m/s2 (approx. 100 G) max.
Malfunction: 300 m/s2 (approx. 30 G) max.
Degree of protection
IEC IP40
Degree of protection against electrical shock
Class I
Proof tracking index (PTI)
175
Ambient operating temperature
−25°C to 85°C (at 60% RH max.) with no icing
Ambient operating humidity
85% max. (for 5
°C to 35°C)
Life expectancy
Mechanical: 1,000,000 operations min. (60 operations/min)
Electrical: SS-3P:
70,000 operations min. (20 operations/min, 125 VAC)
100,000 operations min. (20 operations/min, 30 VDC)
SS-01P: 200,000 operations min. (20 operations/min)
Weight
Approx. 1.6 g (for pin plunger models)
Model
SS-3P
SS-01P
Rated voltage
Item
Resistive load
125 VAC
3 A
0.1 A
30 VDC
3 A
0.1 A
Rated Voltage
SS-3P
SS-01P
125 VAC
3 A
0.1 A
30 VDC
3 A
0.1 A
Rated Voltage
SS-3P
SS-01P
125 VAC
3 A
0.1 A
30 VDC
3 A
0.1 A
Item
SS-3P
SS-01P
Specification
Rivet
Crossbar
Material
Silver alloy
Gold alloy
Gap (standard value)
0.5 mm
Minimum applicable
load (see note)
160 mA at 5 VDC
1 mA at 5 VDC



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com