| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HMC305LP4 bảng dữ liệu(PDF) 7 Page - Hittite Microwave Corporation |
|
|
|||||||||||||||||||||||||||||
HMC305LP4 bảng dữ liệu(HTML) 7 Page - Hittite Microwave Corporation |
|
7 / 8 page ![]() For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com 5 5 - 66 Absolute Maximum Ratings Outline Drawing ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS Part Number Package Body Material Lead Finish MSL Rating Package Marking [3] HMC305LP4 Low Stress Injection Molded Plastic Sn/Pb Solder MSL1 [1] H305 XXXX HMC305LP4E RoHS-compliant Low Stress Injection Molded Plastic 100% matte Sn MSL1 [2] H305 XXXX [1] Max peak reflow temperature of 235 °C [2] Max peak reflow temperature of 260 °C [3] 4-Digit lot number XXXX Package Information NOTES: 1. LEADFRAME MATERIAL: COPPER ALLOY 2. DIMENSIONS ARE IN INCHES [MILLIMETERS] 3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE 4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM. PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM. 5. PACKAGE WARP SHALL NOT EXCEED 0.05mm. 6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND. 7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED LAND PATTERN. Digital Inputs (Reset, Shift Clock, Latch Enable & Serial Input) -1.5 to (Vcc + 1.5) V Digital Outputs (Serial Output) -0.5 to (Vcc + 0.5) V DC Current on Serial Output ±35 mA Bias Voltage (Vcc) +7V Storage Temperature -65 to +150 °C Operating Temperature -40 to +85 °C RF Input Power (0.7 - 3.8 GHz) +26 dBm ESD Sensitivity (HBM) Class 1A HMC305LP4 / 305LP4E v03.0809 0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz |