công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS-3GL13P bảng dữ liệu(PDF) 5 Page - Omron Electronics LLC

tên linh kiện SS-3GL13P
Giải thích chi tiết về linh kiện  Subminiature Basic Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SS-3GL13P bảng dữ liệu(HTML) 5 Page - Omron Electronics LLC

  SS-3GL13P Datasheet HTML 1Page - Omron Electronics LLC SS-3GL13P Datasheet HTML 2Page - Omron Electronics LLC SS-3GL13P Datasheet HTML 3Page - Omron Electronics LLC SS-3GL13P Datasheet HTML 4Page - Omron Electronics LLC SS-3GL13P Datasheet HTML 5Page - Omron Electronics LLC SS-3GL13P Datasheet HTML 6Page - Omron Electronics LLC SS-3GL13P Datasheet HTML 7Page - Omron Electronics LLC SS-3GL13P Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Subminiature Basic Switch
SS-P
107
Precautions
■ Correct Use
Mounting
Mount the Switch onto a flat surface. Mounting on an uneven surface
may cause deformation of the Switch, resulting in faulty operation or
breakage in the housing.
Operating Stroke Setting
Take particular care in setting the operating stroke for the pin plunger
models. Make sure that the operating stroke is 60% to 90% of the
rated OT distance. Do not operate the actuator exceeding the OT dis-
tance, otherwise the life expectancy of the Switch may be shortened.
Using Microloads
Using a model for ordinary loads to switch microloads may result in
faulty operation. Instead, use the models that are designed for micro-
loads and that operate in the following range;
However, even when using microload models within the operating
range shown above, if inrush current or inductive voltage spikes
occur when the contact is opened or closed, it may increase contact
wear and so decrease the service life. Therefore, insert a contact
protection circuit where necessary.
■ Cautions
Handling
Turn OFF the power supply before mounting or removing the Switch,
wiring, or performing maintenance or inspection. Failure to do so may
result in electric shock or burning.
Solder Terminal Connection
When soldering lead wires to solder terminals, first insert the lead
wire conductor through the terminal hole and then solder.
Make sure that the temperature at the tip of the soldering iron is
350 to 400
°C. Do not take more than 3 seconds to solder the switch
terminal, and do not impose external force on the terminal for 1 min
after soldering. Improper soldering involving an excessively high
temperature or excessive soldering time may deteriorate the charac-
teristics of the Switch.
Quick-Connect Terminals
Wire quick-connect terminals (#110) with receptacles. Insert the ter-
minals straight into the receptacles. Do not impose excessive force
on the terminal in the horizontal direction, otherwise the terminal may
be deformed or the housing may be damaged.
Use appropriate #110 QC connectors, made by Nippon Tanshi or
Tyco Electronics, to mate with the quick-connect versions of the
switch. These connectors are not sold by OMRON. Contact Nippon
Tanshi or Tyco Electronics to purchase these connectors.
PCB Terminal Connection
When using automatic soldering baths, we recommend soldering at
260
±5°C within 5 seconds. Make sure that the liquid surface of the
solder does not flow over the edge of the board.
When soldering by hand, as a guideline, solder with a soldering iron
with a tip temperature of 350 to 400
°C within 3 seconds, and do not
apply any external force for at least 1 minutes after soldering. When
applying solder, keep the solder away from the case of the Switch
and do not allow solder or flux to enter the case.
Insulation Distance
Use a separator between the switch and metal mounting panels, to
ensure proper dielectric characteristics are achieved.
30
24
12
5
0
1
10
100
1,000
Current (mA)
0.1
1 mA
Operating
range for
general-
load models
SS-3P
Operating range
for micro load
models SS-01P
26 mA
0.16 mA
100 mA 160 mA
Inoperable
range
100 mA



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com