| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PAW3101DB bảng dữ liệu(PDF) 3 Page - Pixart Imaging Inc. |
|
|
|||||||||||||||||||||||||||||
PAW3101DB bảng dữ liệu(HTML) 3 Page - Pixart Imaging Inc. |
|
3 / 22 page ![]() PixArt Imaging Inc. PAW3101DB CMOS Optical Mouse Sensor All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission. 3 PixArt Imaging Inc. E-mail: fae_service@pixart.com.tw V3.1 May. 2008 2. Block Diagram and Operation CMOS IMAGE SENSOR DIGITAL SIGNAL PROCESSOR POWER ON RESET SERIAL INTERFACE LED DRIVER CONTROL REGISTER SCLK SDIO OSCILLATOR LED VREF VDD OSCIN OSCOUT SERIAL INTERFACE RESONATOR VOLTAGE REFERENCE 5V POWER VSS Figure 3. Block Diagram The PAW3101DB is a CMOS-process optical mouse sensor with DSP integration chip that serves as a non- mechanical motion estimation engine for implementing a computer mouse. It is based on new optical navigation technology, which measures changes in position by optically acquiring sequential surface images (frames) and mathematically determining the direction and magnitude of movement. The mouse sensor is in a 8-pin optical package. The current X and Y information are available in registers accessed via a serial port. The word "mouse sensor," instead of PAW3101DB, is used in the document. |