công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PAS202BBB bảng dữ liệu(PDF) 10 Page - Pixart Imaging Inc.

tên linh kiện PAS202BBB
Giải thích chi tiết về linh kiện  PAS202BCB SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBB SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PIXART [Pixart Imaging Inc.]
Trang chủ  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS202BBB bảng dữ liệu(HTML) 10 Page - Pixart Imaging Inc.

Back Button PAS202BBB Datasheet HTML 6Page - Pixart Imaging Inc. PAS202BBB Datasheet HTML 7Page - Pixart Imaging Inc. PAS202BBB Datasheet HTML 8Page - Pixart Imaging Inc. PAS202BBB Datasheet HTML 9Page - Pixart Imaging Inc. PAS202BBB Datasheet HTML 10Page - Pixart Imaging Inc. PAS202BBB Datasheet HTML 11Page - Pixart Imaging Inc. PAS202BBB Datasheet HTML 12Page - Pixart Imaging Inc. PAS202BBB Datasheet HTML 13Page - Pixart Imaging Inc. PAS202BBB Datasheet HTML 14Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PixArt Imaging Inc.
PAS202BCB/PAS202BBB
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
10
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V2.0, May 2002
4.3 I2C Bus Timing
Fig 4.4 I2C Bus Timing
4.4 I2C Bus Timing Specification
STANDARD-MODE
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
SCL clock frequency
fscl
10
400
kHz
Hold tie (repeated) START condition.
After this period, the first clock pulse is generated.
tHD:STA
4.0
-
us
Low period of the SCL clock
tLOW
4.7
-
us
HIGH period of the SCL clock
tHIGH
0.75
-
us
Set-up time for a repeated START condition
tSU;STA
4.7
-
us
Data hold time. For I2C-bus device
tHD;DAT
0
3.45
us
Data set-up time
tSU;DAT
250
-
ns
Rise time of both SDA and SCL signals
tr
30
N.D.
ns(note1)
Fall time of both SDA and SCL signals
tf
30
N.D.
ns(note1)
Set-up time for STOP condition
tSU;STO
4.0
-
us
Bus free time between a STOP and START
tBUF
4.7
-
us
Capacitive load for each bus line
Cb
1
15
pF
Noise margin at the LOW level for each connected
device (including hysteresis)
VnL
0.1
VDD
-
V
Noise margin at the HIGH level for each
connected device (including hysteresis)
VnH
0.2
VDD
-
V
Note 1: It depends on the "high" period time of SCL.
SDA
SCL
tf
tHD;STA
tLOW
tr
tHD;DAT
tHIGH
tSU;DAT
tf
tSU;STA
tHD;STA
tSP
tSU;STO
tBUF
tr
P
S
Sr
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com