| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PAS109BC bảng dữ liệu(PDF) 4 Page - Pixart Imaging Inc. |
|
|
|||||||||||||||||||||||||||||
PAS109BC bảng dữ liệu(HTML) 4 Page - Pixart Imaging Inc. |
|
4 / 15 page ![]() PixArt Imaging Inc. PAS109B CMOS Image Sensor IC All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission. 4 PixArt Imaging Inc. E-mail: fae_service@pixart.com.tw V1.1, Mar. 2002 3. Pixel Array And Pixel Color Pattern 3.1. Pixel array and pixel color pattern The output image format of PAS109B is QQVGA (164x124 pixel array). To provide the co-processor with the extra information it needs for interpolation at the edges of the pixel array, an border of 2 pixels on all 4 sides of the array are available. Fig 3.1. illustrates the pixel array and pixel color pattern. Dummy row G R G R G R G R B G B G B G B G G R G R G R G R Array: 164(H) x 124(V) B G B G B G B G G R G R G R G R B G B G B G B G Dummy row Dummy row Dummy row Dark line Dark line Dummy row Fig 3.1. Pixel array and pixel color pattern Note: 1. Pixel color pattern does not apply to monochrome sensor. 2. Pixel read-out proceeds from left to right, and from bottom row to top row. 3. Pixel array not drawn to scale. Row 125 Row 124 Row 0 Row 1 164 columns 1column 1 column 124 rows Row 3 Row 2 |