| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5606BEMLUR bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5606BEMLUR bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc |
|
7 / 92 page ![]() Package pinouts MPC5607B Microcontroller Data Sheet, Rev. 3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 7 2 Package pinouts The available LQFP pinouts and the 208 MAPBGA ballmap are provided in the following figures. For pin signal descriptions, please refer to the device reference manual. Reset generation module (MC_RGM) Centralizes reset sources and manages the device reset sequence of the device Static random-access memory (SRAM) Provides storage for program code, constants, and variables System integration unit lite (SIUL) Provides control over all the electrical pad controls and up 32 ports with 16 bits of bidirectional, general-purpose input and output signals and supports up to 32 external interrupts with trigger event configuration System timer module (STM) Provides a set of output compare events to support AutoSAR and operating system tasks Table 2. MPC5607B series block summary (continued) Block Function |