công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P89LPC9151FDH bảng dữ liệu(PDF) 6 Page - NXP Semiconductors

tên linh kiện P89LPC9151FDH
Giải thích chi tiết về linh kiện  8-bit microcontroller with accelerated two-clock 80C51 core, 2 kB 3 V byte-erasable flash with 8-bit ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9151FDH bảng dữ liệu(HTML) 6 Page - NXP Semiconductors

Back Button P89LPC9151FDH Datasheet HTML 2Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 3Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 4Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC9151FDH Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 91 page
background image
P89LPC9151_61_71_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 9 February 2010
6 of 91
NXP Semiconductors
P89LPC9151/9161/9171
8-bit microcontroller with 8-bit ADC
Fig 3.
Block diagram (P89LPC9171)
2 kB CODE FLASH
I2C
CMP2
CIN2B
CIN2A
CIN1A
CIN1B
CMPREF
P2.2
P1[5:0]
P0.7, P[5:0]
TXD
RXD
SCL
AD10
AD11
AD12
AD13
T0
T1
P89LPC9171
002aae566
256 BYTE DATA RAM
PORT 2
CONFIGURABLE I/O
PORT 1
CONFIGURABLE I/O
PORT 0
CONFIGURABLE I/O
KEYPAD INTERRUPT
WATCHDOG TIMER
AND OSCILLATOR
PROGRAMMABLE
OSCILLATOR DIVIDER
external clock
input
clkout
CPU clock
ON-CHIP RC
OSCILLATOR
internal bus
HIGH PERFORMANCE
ACCELERATED 2-CLOCK 80C51 CPU
UART
ADC1/DAC1
REAL TIME CLOCK/
SYSTEM TIMER
TIMER 0
TIMER 1
ANALOG
COMPARATORS
POWER MONITOR
(POWER-ON RESET,
BROWNOUT RESET)
SDA
DAC1
ON-CHIP RC OSCILLATOR
WITH CLOCK DOUBLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91