| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IP4366CX8 bảng dữ liệu(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IP4366CX8 bảng dữ liệu(HTML) 11 Page - NXP Semiconductors |
|
11 / 14 page ![]() IP4064CX8_IP4364CX8_IP4366CX8_2 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 02 — 11 February 2010 11 of 14 NXP Semiconductors IP4064CX8; IP4364CX8; IP4366CX8 Integrated SIM card passive filter array with ESD protection Device removal can be done when the substrate is heated until it is certain that all solder joints are molten. The chip can then be carefully removed from the substrate without damaging the tracks and solder lands on the substrate. Removing the device must be done using plastic tweezers, because metal tweezers can damage the silicon. The surface of the substrate should be carefully cleaned and all solder and flux residues and/or underfill removed. When a new chip is placed on the substrate, use the flux process instead of solder on the solder lands. Apply flux on the bumps at the chip side as well as on the solder pads on the substrate. Place and align the new chip while viewing with a microscope. To reflow the solder, use the solder profile shown in application note AN10365 “Surface mount reflow soldering description”. 9.3.4 Cleaning Cleaning can be done after reflow soldering. 10. Abbreviations 11. Revision history Table 7. Abbreviations Acronym Description DUT Device Under Test EMI ElectroMagnetic Interference ESD ElectroStatic Discharge NWA NetWork Analyzer PCB Printed-Circuit Board PCS Personal Communication System RFI Radio Frequency Interference RoHS Restriction of Hazardous Substances SIM Subscriber Identity Module WLCSP Wafer-Level Chip-Scale Package Table 8. Revision history Document ID Release date Data sheet status Change notice Supersedes IP4064CX8_IP4364CX8_ IP4366CX8_2 20100211 Product data sheet - IP4064CX8LF_IP4364CX8LF_1 Modifications: • Type number IP4366CX8 added • Figure 3: added • General editorial update IP4064CX8LF_IP4364CX8LF_1 20071112 Product data sheet - - |