công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

33730 bảng dữ liệu(PDF) 13 Page - Freescale Semiconductor, Inc

tên linh kiện 33730
Giải thích chi tiết về linh kiện  Switch Mode Power Supply with Multiple Linear Regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33730 bảng dữ liệu(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33730_10 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33730_10 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33730_10 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33730_10 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33730_10 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33730_10 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33730_10 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33730_10 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33730_10 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33730
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
5.0 VOLT BUCK REGULATOR
This is the main regulator that supplies 5.0 Volts to the
following protected and regulated outputs, VREF1, VREF2,
VDD3, and VDDL.
OSCILLATOR
This is the frequency source for the switching (buck) 5 Volt
regulator. The frequency of oscillation is selected by an
external resistor to ground.
BAND GAP REFERENCE
This is the main voltage reference, which is used as the
standard for all the current and voltage sources in the
MC33730.
PROTECTION FET DRIVER
The protection FET is used to prevent reverse battery
connections from damaging the MC33730. The gate drive for
the Protection FET is provided by this driver circuit.
SLEEP/WAKE CIRCUITRY
This circuitry is responsible for the two main modes of
operation for the MC33730, Sleep mode and Wake mode. In
the Sleep mode, only the keep alive outputs are active, and
the rest of the circuitry is in a low power drawing sleep state.
In the Wake mode, the MC33730 is fully functional and
normal current is being consumed.
IGNITION DRIVER
This block of circuitry controls all the voltage outputs,
except for the keep alive voltage output(s). It also provides an
output signal to indicate that the ignition switch has been
activated.
VREF1
This output is one of two protected 5.0 volt outputs that can
be used to supply external sensors or other analog circuits
requiring a regulated, short-circuit protected 5.0 volt supply.
VREF2
This output is one of two protected 5.0 volt outputs that can
be used to supply external sensors or other analog circuits
requiring a regulated, short-circuit protected 5.0 volt supply.
VDD3 REGULATOR
This is one of three, voltage programmable, regulated
supplies. This supply is controlled by the ignition switch.
VDDL REGULATOR
This is one of three, voltage programmable, regulated
supplies. This supply is controlled by the ignition switch.
VKAM
This is one of three, voltage programmable, regulated
supplies. This supply is NOT controlled by the ignition switch.
VOLTAGE PROGRAMMING
P1, P2, and P3 are three logic level inputs that control the
voltage that is available on the VDD3, VDDL and VKAM
outputs.
Table 6 indicates the 8 different combinations of P1, P2,
and P3 and the resultant voltage values.
Band Gap Reference
Sleep/Wake Circuitry
Voltage Programmming Input
Protection FET Driver
Ignition Input
Oscillator
5 Volt Buck Switching
Regulator
5 Volt Protected Outputs
(VREF1, VREF2)
Linear Regulator Outputs
(VDDL, VDD3, VKAM)
Ignition Driver
Reset Circuitry
Input Functions
Internal Functions
Output Functions
MC33730 - Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com