công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC2473CMS bảng dữ liệu(PDF) 9 Page - Linear Technology

tên linh kiện LTC2473CMS
Giải thích chi tiết về linh kiện  Selectable 250sps/1ksps, 16-Bit I2C ?誇 ADCs with 10ppm/째C Max Precision Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC2473CMS bảng dữ liệu(HTML) 9 Page - Linear Technology

Back Button LTC2473CMS Datasheet HTML 5Page - Linear Technology LTC2473CMS Datasheet HTML 6Page - Linear Technology LTC2473CMS Datasheet HTML 7Page - Linear Technology LTC2473CMS Datasheet HTML 8Page - Linear Technology LTC2473CMS Datasheet HTML 9Page - Linear Technology LTC2473CMS Datasheet HTML 10Page - Linear Technology LTC2473CMS Datasheet HTML 11Page - Linear Technology LTC2473CMS Datasheet HTML 12Page - Linear Technology LTC2473CMS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC2471/LTC2473
9
24713f
Ease of Use
The LTC2471/LTC2473 data output has no latency, filter
settling delay, or redundant results associated with the
conversion cycle. There is a one-to-one correspondence
between the conversion and the output data. Therefore,
multiplexing multiple analog input voltages requires no
special actions.
The LTC2471/LTC2473 include a proprietary input sampling
scheme that reduces the average input current by several
orders of magnitude when compared to traditional delta-
sigma architectures. This allows external filter networks
to interface directly to the LTC2471/LTC2473. Since the
average input sampling current is 50nA, an external RC
lowpass filter using 1kΩ and 0.1μF results in <1LSB
additional error. Additionally, there is negligible leakage
current between IN+ and IN– (for the LTC2473).
Input Voltage Range (LTC2471)
Ignoring offset and full-scale errors, the LTC2471 will
theoretically output an “all zero” digital result when the
input is at ground (a zero scale input) and an “all one”
digital result when the input is at VREF or higher (VREFOUT
= 1.25V). In an underrange condition (for all input voltages
below zero scale) the converter will generate the output
code 0. In an overrange condition (for all input voltages
greater than VREF) the converter will generate the output
code 65535.
Input Voltage Range (LTC2473)
As detailed in the Output Data Format section, the output
code is given as INT(32767.5 • (VIN+–VIN–)/VREF+32767.5.
For (VIN+ – VIN–) ≥ VREF, the output code is clamped at
65535 (all ones). For (VIN+ – VIN–) ≤ –VREF, the output
code is clamped at 0 (all zeroes).
APPLICATIONS INFORMATION
I2C INTERFACE
The LTC2471/LTC2473 communicate through an I2C in-
terface. The I2C interface is a 2-wire open-drain interface
supporting multiple devices and masters on a single bus.
The connected devices can only pull the data line (SDA)
LOW and can never drive it HIGH. SDA must be externally
connected to the supply through a pull-up resistor. When
the data line is free, it is HIGH. Data on the I2C bus can be
transferred at rates up to 100kbits/s in the Standard-Mode
and up to 400kbits/s in the Fast-Mode.
Upon entering the DATA INPUT/OUTPUT state, SDA outputs
the sign (D15) of the conversion result. During this state,
the ADC shifts the conversion result serially through the
SDA output pin under the control of the SCL input pin.
There is no latency in generating this data and the result
corresponds to the last completed conversion. A new bit
of data appears at the SDA pin following each falling edge
detected at the SCL input pin and appears from MSB to LSB.
The user can reliably latch this data on every rising edge
of the external serial clock signal driving the SCL pin.
Each device on the I2C bus is recognized by a unique
address stored in that device and can operate either as
a transmitter or receiver, depending on the function of
the device. In addition to transmitters and receivers,
devices can also be considered as masters or slaves when
performing data transfers. A master is the device which
initiates a data transfer on the bus and generates the
clock signals to permit that transfer. Devices addressed
by the master are considered a slave. The address of the
LTC2471/LTC2473 is 0010100 (if A0 is tied to GND) or
1010100 (if A0 is tied to VCC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com