công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC2952CF bảng dữ liệu(PDF) 30 Page - Linear Technology

tên linh kiện LTC2952CF
Giải thích chi tiết về linh kiện  Pushbutton PowerPathTM Controller with Supervisor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC2952CF bảng dữ liệu(HTML) 30 Page - Linear Technology

Back Button LTC2952CF Datasheet HTML 22Page - Linear Technology LTC2952CF Datasheet HTML 23Page - Linear Technology LTC2952CF Datasheet HTML 24Page - Linear Technology LTC2952CF Datasheet HTML 25Page - Linear Technology LTC2952CF Datasheet HTML 26Page - Linear Technology LTC2952CF Datasheet HTML 27Page - Linear Technology LTC2952CF Datasheet HTML 28Page - Linear Technology LTC2952CF Datasheet HTML 29Page - Linear Technology LTC2952CF Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
LTC2952
30
2952fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2010
LT 0210 REV A • PRINTED IN USA
PART NUMBER DESCRIPTION
COMMENTS
LTC1479
PowerPath Controller for Dual Battery Systems
Complete PowerPath Management for Two Batteries; DC Power
Source, Charger and Backup
LTC1726
Micropower Triple Supply Monitor for 2.5V/5V, 3.3V and ADJ
Adjustable RESET and Watchdog Timeout
LTC2900
Programmable Quad Supply Monitor
Adjustable RESET, 10-Lead MSOP and DFN Packages
LTC2901
Programmable Quad Supply Monitor
Adjustable RESET and Watchdog Timer, 16-Lead SSOP Package
LTC2902
Programmable Quad Supply Monitor
Adjustable RESET and Tolerance, 16-Lead SSOP Package
LTC2903
Precision Quad Supply Monitor
6-Lead SOT-23 Package
LTC2904/
LTC2905
Three-State Programmable Precision Dual Supply Monitor
Adjustable Tolerance, 8-Lead SOT-23 and DFN Packages
LTC2906/
LTC2907
Dual Supply Monitor with One Pin-Selectable Threshold and One
Adjustable Input
0.5V Adjustable Threshold and Three Supply Tolerances, 8-Lead
SOT-23 and DFN Packages
LTC2908
Precision Six Supply Monitors
0.5V Adjustable Threshold, RESET, 8-Lead SOT-23 and DFN Packages
LTC2950/
LTTC2951
Pushbutton On/Off Controller
μP Pushbutton Controller Interface with Programmable Debounce On
and Off Timing, 8-Lead SOT23 and DFN Packages
LTC4411
SOT-23 Ideal Diode
2.6A Forward Current, 28mV Regulated Forward Voltage
LTC4412HV
PowerPath Controller in ThinSOT™
Efficient Diode-ORing, Automatic Switching, 3V to 36V
RELATED PARTS
LTC2952
μP
LT1767-3.3
SHDN
VOUT
VIN
PFI
G1
VM
RST
INT
G1STAT
PFO
KILL
WDE
G2
V1
V2
M1
M2
PB
EN
VS
ONT
CONT*
22nF
GND
OFFT
COFFT*
68nF
R3
1.3M
*OPTIONAL
2952 TA07
R4
100k
Q1
Si6993DQ
WALL ADAPTER
12V TO 25V
3.3V
Q2
Si6993DQ
9V BATTERY
1k
R1
511k
R2
100k
R5
10k
R8
10k
R7
10k
R6
10k
S1
Wall Adapter and Battery Automatic Load Switchover with Reverse Battery Protection
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30