| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM1808 bảng dữ liệu(PDF) 91 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM1808 bảng dữ liệu(HTML) 91 Page - Texas Instruments |
|
91 / 264 page ![]() AM1808 www.ti.com SPRS653 – FEBRUARY 2010 6.9 EDMA The EDMA controller handles all data transfers between memories and the device slave peripherals on the device. These data transfers include cache servicing, non-cacheable memory accesses, user-programmed data transfers, and host accesses. 6.9.1 EDMA3 Channel Synchronization Events Each EDMA channel controller supports up to 32 channels which service peripherals and memory. Table 6-12lists the source of the EDMA synchronization events associated with each of the programmable EDMA channels. Table 6-12. EDMA Synchronization Events EDMA0 Channel Controller 0 Event Event Name / Source Event Event Name / Source 0 McASP0 Receive 16 MMCSD0 Receive 1 McASP0 Transmit 17 MMCSD0 Transmit 2 McBSP0 Receive 18 SPI1 Receive 3 McBSP0 Transmit 19 SPI1 Transmit 4 McBSP1 Receive 20 PRU_EVTOUT6 5 McBSP1 Transmit 21 PRU_EVTOUT7 6 GPIO Bank 0 Interrupt 22 GPIO Bank 2 Interrupt 7 GPIO Bank 1 Interrupt 23 GPIO Bank 3 Interrupt 8 UART0 Receive 24 I2C0 Receive 9 UART0 Transmit 25 I2C0 Transmit 10 Timer64P0 Event Out 12 26 I2C1 Receive 11 Timer64P0 Event Out 34 27 I2C1 Transmit 12 UART1 Receive 28 GPIO Bank 4 Interrupt 13 UART1 Transmit 29 GPIO Bank 5 Interrupt 14 SPI0 Receive 30 UART2 Receive 15 SPI0 Transmit 31 UART2 Transmit EDMA1 Channel Controller 1 Event Event Name / Source Event Event Name / Source 0 Timer64P2 Compare Event 0 16 GPIO Bank 6 Interrupt 1 Timer64P2 Compare Event 1 17 GPIO Bank 7 Interrupt 2 Timer64P2 Compare Event 2 18 GPIO Bank 8 Interrupt 3 Timer64P2 Compare Event 3 19 Reserved 4 Timer64P2 Compare Event 4 20 Reserved 5 Timer64P2 Compare Event 5 21 Reserved 6 Timer64P2 Compare Event 6 22 Reserved 7 Timer64P2 Compare Event 7 23 Reserved 8 Timer64P3 Compare Event 0 24 Timer64P2 Event Out 12 9 Timer64P3 Compare Event 1 25 Timer64P2 Event Out 34 10 Timer64P3 Compare Event 2 26 Timer64P3 Event Out 12 11 Timer64P3 Compare Event 3 27 Timer64P3 Event Out 34 12 Timer64P3 Compare Event 4 28 MMCSD0 Receive 13 Timer64P3 Compare Event 5 29 MMCSD0 Transmit 14 Timer64P3 Compare Event 6 30 Reserved 15 Timer64P3 Compare Event 7 31 Reserved Copyright © 2010, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 91 Submit Documentation Feedback Product Folder Link(s): AM1808 |