| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F100x6 bảng dữ liệu(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F100x6 bảng dữ liệu(HTML) 65 Page - STMicroelectronics |
|
65 / 84 page ![]() STM32F100x4, STM32F100x6, STM32F100x8, STM32F100xB Electrical characteristics Doc ID 16455 Rev 2 65/84 Figure 30. SPI timing diagram - master mode(1) 1. Measurement points are done at CMOS levels: 0.3VDD and 0.7VDD. HDMI consumer electronics control (CEC) Refer to Section 5.3.12: I/O port characteristics for more details on the input/output alternate function characteristics. 5.3.16 12-bit ADC characteristics Unless otherwise specified, the parameters given in Table 41 are derived from tests performed under the ambient temperature, fPCLK2 frequency and VDDA supply voltage conditions summarized in Table 8. Note: It is recommended to perform a calibration after each power-up. ai14136 CPHA= 0 MOSI OUTUT MISO INP UT CPHA= 0 MS BIN M SB OUT BI T6 IN LSB OUT LSB IN CPOL=0 CPOL=1 B I T1 OUT NSS input tc(SCK) tw(SCKH) tw(SCKL) tr(SCK) tf(SCK) th(MI) High CPHA=1 CPHA=1 CPOL=0 CPOL=1 tsu(MI) tv(MO) th(MO) |