công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAM-3011 bảng dữ liệu(PDF) 1 Page - Advantech Co., Ltd.

tên linh kiện ADAM-3011
Giải thích chi tiết về linh kiện  Isolated Thermocouple Input Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADVANTECH [Advantech Co., Ltd.]
Trang chủ  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-3011 bảng dữ liệu(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-3011 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Signal Conditioning Modules and Terminal Boards
Specifications
Thermocouple Input
Common Mode
115 dB min
Rejection
Input Type
T/C type
Temperature Range (° C)
Accuracy at
25° C (° C)
J
-40 ~ 760
±2
K
0 ~ 1,000
±2
T
-100 ~ 400
±2
E
0 ~ 1,000
±2
S
500 ~ 1,750
±4
R
500 ~ 1,750
±4
B
500 ~ 1,800
±4
Isolation
1,000 VDC
(Three-way)
Output Impedance
0.5
Stability
±2° C
(Temperature Drift)
Voltage Output
0 ~ 10 V
General
Certifications
CE, FM
Connectors
Screw terminal
Enclosure
ABS
Indicators
Power LED indicator
Isolation
1,000 VDC
Power Consumption 1.4 W
Power Input
+24 VDC ± 10%
Operating
0 ~ 50° C (32 ~ 122° F)
Temperature
Storage
-25 ~ 85° C (-13 ~ 185° F)
Temperature
Ordering Information
ADAM-3011
Isolated Thermocouple
Input Module
ADAM-3011
ADAM-3013
ADAM-3014
Specifications
RTD Input
Accuracy
± 0.1% of full range
(voltage) or +/- 0.15° C
(voltage)
± 0.2% of full range
(current)
Bandwidth
4 Hz
Input CMR at DC
92 dB min.
Input Connections
2, 3 or 4 wires
Input Type
RTD type
α
Temperature Range
(° C)
Pt
0.00385
-100 ~ 100
Pt
0.00385
0 ~ 100
Pt
0.00385
0 ~ 200
Pt
0.00385
0 ~ 600
Pt
0.00385
-100 ~ 0
Pt
0.00385
-100 ~ 200
Pt
0.00385
-50 ~ 50
Pt
0.00385
-50 ~ 150
Pt
0.00392
-100 ~ 100
Pt
0.00392
0 ~ 100
Pt
0.00392
0 ~ 200
Pt
0.00392
0 ~ 600
Ni
N/A
0 ~ 100
Ni
N/A
-80 ~ 100
Output Range
0 ~ 5 V, 0 ~ 10 V, 0 ~ 20 mA
Output Resistance
< 5
Temperature Drift
± 30 ppm of full range
General
Certifications
CE, FM
Connectors
Screw terminal
Enclosure
ABS
Indicators
Power LED indicator
Isolation
1,000 VDC
Power Consumption < 0.95 W
Power Input
24 VDC ±10%
Operating
0 ~ 70° C (32 ~ 158° F)
Temperature
Storage Temperature -25 ~ 85° C (-13 ~ 185° F)
Ordering Information
ADAM-3013
Isolated RTD Input Module
Isolated Thermocouple Input Module
Isolated RTD Input Module
Isolated DC Input/Output Module
ADAM-3011
ADAM-3013
ADAM-3014
Specifications
I/O
Accuracy
±0.1% of full range
(typical)
Common Mode
> 100 dB @ 50 Hz/60 Hz
Rejection
Current Input
Bipolar: ±20 mA
Unipolar: 0 ~ 20 mA
Input impedance: 250
Current Output
0 ~ 20 mA
Stability
150 ppm (typical)
(Temperature Drift)
Voltage Input
Bipolar input:
±10 mV, ±50 mV, ±100 mV,
±0.5 V, ±1.0 V, ±5 V, ±10 V
Unipolar input:
0 ~ 10 mV, 0 ~ 50 mV, 0 ~
100 mV, 0 ~ 0.5 V, 0 ~ 1 V,
0 ~ 5 V, 0 ~ 10 V
Input impedance: 2 M
Input bandwidth: 2.4 kHz
(typical)
Voltage Output
Bipolar: ±5 V, ±10 V
Unipolar: 0 ~ 10 V
Impedance: < 50
Drive: 10 mA max.
General
Certifications
CE, FM
Connectors
Screw terminal
Enclosure
ABS
Indicators
Power LED indicator
Isolation
1,000 VDC
(Three-way)
Power
0.85 W (voltage output)
Consumption
1.2 W (current output)
Power Input
24 VDC ±10%
Operating
-10 ~ 70° C (14 ~ 158° F)
Temperature
Storage
-25 ~ 85° C (-13 ~ 185° F)
Temperature
Ordering Information
ADAM-3014
Isolated DC Input/Output
Module


Số phần tương tự - ADAM-3011

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advantech Co., Ltd.
ADAM-3011 ADVANTECH-ADAM-3011 Datasheet
213Kb / 1P
Isolated Thermocouple Input Module
ADAM-3011 ADVANTECH-ADAM-3011 Datasheet
286Kb / 1P
Isolated Thermocouple Input Module Isolated RTD Input Module Isolated DC Input/Output Module
13-Sep-2017
ADAM-3011 ADVANTECH-ADAM-3011_15 Datasheet
213Kb / 1P
Isolated Thermocouple Input Module
ADAM-3011 ADVANTECH-ADAM-3011_V01 Datasheet
286Kb / 1P
Isolated Thermocouple Input Module Isolated RTD Input Module Isolated DC Input/Output Module
13-Sep-2017
More results

Mô tả tương tự - ADAM-3011

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
7B37 AD-7B37 Datasheet
532Kb / 8P
Isolated, Thermocouple Input
3B37 AD-3B37 Datasheet
346Kb / 8P
Isolated, Thermocouple Input
7B47 AD-7B47 Datasheet
540Kb / 8P
Isolated, Linearized Thermocouple Input
5B37 AD-5B37 Datasheet
699Kb / 8P
Isolated Thermocouple Input
REV. 0
7B27 AD-7B27 Datasheet
538Kb / 8P
Isolated Thermocouple Input
REV. 0
3B37 AD-3B37_15 Datasheet
342Kb / 8P
Isolated, Thermocouple Input
REV. 0
5B37 AD-5B37_15 Datasheet
700Kb / 8P
Isolated Thermocouple Input
REV. 0
7B27 AD-7B27_15 Datasheet
539Kb / 8P
Isolated Thermocouple Input
REV. 0
7B37 AD-7B37_15 Datasheet
538Kb / 8P
Isolated, Thermocouple Input
REV. 0
logo
Advantech Co., Ltd.
ADAM-3011 ADVANTECH-ADAM-3011_15 Datasheet
213Kb / 1P
Isolated Thermocouple Input Module
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com