công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IPPC-9151F-RA bảng dữ liệu(PDF) 1 Page - Advantech Co., Ltd.

tên linh kiện IPPC-9151F-RA
Giải thích chi tiết về linh kiện  Rugged Intel짰 Pentium짰 4 / Celeron짰 Industrial Panel PC with 15" LCD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ADVANTECH [Advantech Co., Ltd.]
Trang chủ  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPPC-9151F-RA bảng dữ liệu(HTML) 1 Page - Advantech Co., Ltd.

  IPPC-9151F-RA Datasheet HTML 1Page - Advantech Co., Ltd. IPPC-9151F-RA Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2-6
Industrial Panel PCs
Features
Introduction
IPPC-9151G is a fully functional computer system with support for CPUs of different classes (Pentium 4 up to 2.8 GHz) and resolution up to 1024 x 768 to meet the demands of
today’s high-end industrial software. IPPC-9151G is a rugged unit with an aluminum panel, tempered glass 15"TFT LCD, a stainless steel structure and two expansion slots. IPPC-
9151G is rugged enough to handle the toughest industrial operating environments. With optional mounting accessories, from panels to racks, it can be mounted anywhere. There is
also IPPC-9151F-XA, which has a flat-sealed front panel for easier cleaning and liquid run-off, which is suitable for tough hygiene requirements in food & beverage manufacturing.
Rugged Intel® Pentium® 4 / Celeron®
Industrial Panel PC with 15" LCD
IPPC-9151G
LCD Display
Backlight Life
50,000 hrs
Contrast Ratio
400:1
Display Size
15"
Display Type
XGA TFT LCD
Luminance
350 cd/m2
Max. Colors
262,144
Max. Resolution
1024 x 768
OSD Control
LCD ON/OFF, Brightness drop, up
Viewing Angle (H/V°)
120/100
Touchscreen (Optional)
Interface
USB
Lifespan
1 million touches at single point
Light Transmission
75%
OS support
MS DOS, Windows® 95/98/NT/2000/XP
Type
Analog resistive (8-wire)
Environment
Humidity
5 ~ 85% @ 40° C (non-condensing)
Ingress Protection
Front panel: NEMA4/IP65
Operating Temperature 0 ~ 50° C (32 ~ 122° F)
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F)
Vibration Protection
5 ~ 500 Hz, 1 G
RMS random vibration
Ordering Information
IPPC-9151G-XA
Rugged Pentium® 4 Industrial Panel PC with 15" LCD,
180 W AC power supply, stainless steel chassis and
aluminum front panel
IPPC-9151G-RA
IPPC-9151G-XA with resistive touchscreen
IPPC-9151F-XA
Rugged Pentium® 4 Industrial Panel PC with 15” LCD,
180 W AC power supply, stainless steel chassis and
flat-sealed aluminum front panel
IPPC-9151F-RA
IPPC-9151F-XA with resistive touchscreen
 Intel® Pentium® 4 processors up to 2.8 GHz
 15" XGA TFT LCD provides vivid, sharp and large images
 Offers two expansion slots for PCI add-on cards
 Front access USB connector
 Heavy-duty stainless steel chassis with aluminum front panel
 Strengthened glass protects the front panel from shock damage and is
NEMA4/IP65 compliant
 Built-in FDD and support for one CD-ROM and 3.5” HDD Drive
 Hard anodic coating to prevent panel abrasion and acid corrosion
 Supports industrial mounting rack and panel mounting
Specifications
General
BIOS
Award® 256 KB Flash BIOS
Certifications
BSMI, CCC, CE, FCC, UL
Cooling System
2 x 10.1 CFM fans w/ 50,000 hrs MTBF
Dimensions (WxHxD)
428 x 310 x 162 mm (16.85” x 12.2” x 6.37”)
Disk Drive Bay
Supports one 3.5” HDD and slim size CD-ROM,
built-in FDD
Enclosure
Stainless steel back case, 10 mm aluminum front panel
Mounting
Panel, rack
Power Input
100 ~240 V
AC @ 50 ~ 60 Hz, 2 A
Power Output
+ 5 V @ 15 A, +12 V @ 5 A, -12 V @ 0.5 A
Power Supply
180 W, MTBF: 200,000 hrs
Weight (Gross)
13 kg (28 lb)
System Hardware
Audio Ports
Mic-in, Line-in, Line-out, and game port
Chipset
Intel® 845 GV
CPU
Socket 478 Intel® Pentium® 4 up to 2.8 GHz
Intel® Celeron® up to 2.5 GHz (400/533 MHz)
Expansion Slots
2 x low-profile PCI
IEEE-1394 Ports
2 x IEEE 1394 ports (Firewire)
Keyboard/Mouse
1 x PS/2 mouse and keyboard interface
LAN
1 x 10/100Base-T
Memory
Two 184 pin DDR DIMM sockets supports up to 2 GB
(Clock 266)
Parallel Ports
1 x standard parallel port
1 x enhanced parallel port, supports SPP/EPP/ECP
parallel mode.
BIOS configurable to LPT1, LPT2, LPT3 or disabled
PCMCIA Slots
2 x Type II
Serial Ports
1 x RS-232, 1 x RS-232/422/485
USB Ports
4 x USB 2.0
Video Ports
S-Video
NEW


Số phần tương tự - IPPC-9151F-RA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advantech Co., Ltd.
IPPC-9151F-RAE ADVANTECH-IPPC-9151F-RAE Datasheet
314Kb / 2P
15 XGA TFT LCD Pentium짰 4 Industrial Panel PC with 2 x PCI Slots
More results

Mô tả tương tự - IPPC-9151F-RA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advantech Co., Ltd.
IPPC-6152A ADVANTECH-IPPC-6152A Datasheet
697Kb / 2P
15 XGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
IPPC-6152A ADVANTECH-IPPC-6152A Datasheet
697Kb / 2P
15" XGA TFT LCD Pentium짰 M/Celeron짰 M Industrial Panel PC with 2 x PCI Slots
PPC-103T ADVANTECH-PPC-103T Datasheet
360Kb / 2P
10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
PPC-154T ADVANTECH-PPC-154T Datasheet
330Kb / 2P
15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
PPC-154T-EPCE ADVANTECH-PPC-154T-EPCE Datasheet
333Kb / 2P
15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
PPC-174T ADVANTECH-PPC-174T Datasheet
397Kb / 2P
17 Panel PC with Intel짰 Pentium짰 4 Processor
PPC-175T ADVANTECH-PPC-175T Datasheet
356Kb / 2P
17 Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
PPC-S154T ADVANTECH-PPC-S154T Datasheet
462Kb / 2P
15 UltraSlim??Panel PC with Intel짰 Pentium짰 4/Pentium짰 M Processor
PPC-S155T ADVANTECH-PPC-S155T Datasheet
409Kb / 2P
15 UltraSlim??Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
PPC-3150S ADVANTECH-PPC-3150S Datasheet
389Kb / 2P
15 Fanless Panel PC with Intel짰 Celeron짰 N2930 Processor
27-Jun-2018
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com