công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MMSZ5239B bảng dữ liệu(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện MMSZ5239B
Giải thích chi tiết về linh kiện  500mW, 5% Tolerance SMD Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MMSZ5239B bảng dữ liệu(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MMSZ5239B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MMSZ5239B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MMSZ5239B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMSZ5221B~MMSZ5263B
500mW, 5% Tolerance SMD Zener Diode
Small Signal Diode
VZ Tolerance Selection of ±5%
Moisture sensitivity level 1
Matte Tin(Sn) lead finish
Pb free version and RoHS compliant
Min
Max
Min
Max
Case : Flat lead SOD-123 small outline plastic package
1.5
1.7
0.059 0.067
3.3
3.7
0.130 0.146
0.5
0.7
0.020 0.028
2.5
2.7
0.098 0.106
0.8
1.0
0.031 0.039
0.05
0.2
0.002 0.008
Package
SOD-123F
Maximum Ratings
IF=10mA
Notes:1. Valid provided that electrodes are kept at ambient temperature
VBR
: Voltage at IZK
IZK
: Test current for voltage VBR
ZZK
: Dynamic impedance at IZK
IZT
: Test current for voltage VZ
VZ
: Voltage at current IZT
ZZT
: Dynamic impedance at IZT
IZM
: Maximum steady state current
VZM
: Voltage at IZM
SOD-123F
Maximum Ratings and Electrical Characteristics
Features
Mechanical Data
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
Unit (mm)
Wide zener voltage range selection : 2.4V to 56V
Unit (inch)
Dimensions
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
Power Dissipation
Symbol
F
High temperature soldering guaranteed: 260 °C/10s
Polarity : Indicated by cathode band
Weight : 8.85±0.5 mg
A
B
C
-65 to + 150
Value
500
Junction and Storage Temperature Range
VF
D
E
Ordering Information
Part No.
Packing
MMSZ52xxB RH
3Kpcs / 7" Reel
Units
PD
mW
Rating at 25°C ambient temperature unless otherwise specified.
Type Number
Zener I vs. V Characteristics
V
Thermal Resistance (Junction to Ambient)
(Note 1)
RθJA
330
°C/W
Forward Voltage
1
TJ, TSTG
°C
Voltage
Current
IF
VF
VR
IR
VBR
IZK
VZ
IZT
VZM
IZM
Forward Region
Leakage Region
BreakdownRegion
D
A
B
C
E
F
Version : B09


Số phần tương tự - MMSZ5239B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
MMSZ5239B PANJIT-MMSZ5239B Datasheet
82Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
Fairchild Semiconductor
MMSZ5239B FAIRCHILD-MMSZ5239B Datasheet
158Kb / 5P
5% TOLERANCE
logo
Diodes Incorporated
MMSZ5239B DIODES-MMSZ5239B Datasheet
61Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS18010 Rev. 7 - 2
logo
Micro Commercial Compon...
MMSZ5239B MCC-MMSZ5239B Datasheet
411Kb / 4P
500 mW Zener Diodes 2.4 to 39 Volts
logo
Diotec Semiconductor
MMSZ5239B DIOTEC-MMSZ5239B Datasheet
54Kb / 2P
Surface mount Zener Diodes
More results

Mô tả tương tự - MMSZ5239B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Taiwan Semiconductor Co...
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
500mW, 5% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
500mW, 2% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
500mW, 5% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
500mW, 2% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
500mW,5% Tolerance Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
500mW,5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
500mW, 5% Tolerance SMD Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
500mW,5% Tolerance Zener Diode
MMSZ5221B TSC-MMSZ5221B_14 Datasheet
155Kb / 6P
500mW, 5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com